Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 51 of 79
10BASE-T1L PMA Control Register
Device Address: 0x01; Register Address: 0x08F6, Reset: 0x0000, Name: B10L_PMA_CNTRL
This address corresponds to the 10BASE-T1L PMA control register specified in Subclause 45.2.1.186a of Standard 802.3cg.
Table 59. Bit Descriptions for B10L_PMA_CNTRL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R/W SC
14
B10L_TX_DIS_MODE_EN
10BASE-T1L Transmit Disable Mode. When this bit is set to 1, it disables output on the
transmit path. Otherwise, this bit enables output on the transmit path.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
12
B10L_TX_LVL_HI
10BASE-T1L Transmit Voltage Amplitude Control. This configuration is only used
when autonegotiation is disabled. Otherwise, the configuration is decided by the
autonegotiation process. When this bit is set as 1, the device works in the 2.4 V p-p
operating mode. Otherwise, the device works in the 1.0 V p-p operating mode.
Pin dependent
R/W
11
RESERVED
Reserved.
0x0
R/W
10
B10L_EEE
10BASE-T1L EEE Enable.
0x0
R/W
[9:1]
RESERVED
Reserved.
0x0
R
0
B10L_LB_PMA_LOC_EN
10BASE-T1L PMA Loopback. When this bit is set to 1, the PMA accepts data on the
transmit path and returns it on the receive path. When this bit is set to 0, the PMA
works in normal mode.
0x0
R/W
10BASE-T1L PMA Status Register
Device Address: 0x01; Register Address: 0x08F7, Reset: 0x2800, Name: B10L_PMA_STAT
This address corresponds to the 10BASE-T1L PMA status register specified in Subclause 45.2.1.186b of Standard 802.3cg.
Table 60. Bit Descriptions for B10L_PMA_STAT
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
B10L_LB_PMA_LOC_ABLE
10BASE-T1L PMA Loopback Ability. This bit always reads as 1 because the
PMA has loopback ability.
0x1
R
12
B10L_TX_LVL_HI_ABLE
10BASE-T1L High Voltage Transmit Ability. Indicates that the PHY supports
10BASE-T1L high voltage (2.4 V p-p) transmit level operating mode.
Pin dependent
R
11
B10L_PMA_SFT_PD_ABLE
PMA Supports Power-Down. Indicates that the PMA supports software power-
down.
0x1
R
10
B10L_EEE_ABLE
10BASE-T1L EEE Ability. Indicates if the PHY supports 10BASE-T1L EEE.
0x0
R
[9:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L Test Mode Control Register
Device Address: 0x01; Register Address: 0x08F8, Reset: 0x0000, Name: B10L_TEST_MODE_CNTRL
This address corresponds to the 10BASE-T1L PMA test mode control register specified in Subclause 45.2.1.186c of Standard 802.3cg. The
default value of this register selects normal operation without management intervention as the initial state of the device.
Table 61. Bit Descriptions for B10L_TEST_MODE_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:13]
B10L_TX_TEST_MODE
10BASE-T1L Transmitter Test Mode.
0x0
R/W
000: normal operation.
001: Test Mode 1 transmitter output voltage and timing jitter test mode. When Test Mode 1 is
enabled, the PHY repeatedly transmits the data symbol sequence (+1, –1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com