Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 58 of 79
Table 80. Bit Descriptions for AN_LP_ADV_ABILITY_H
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
AN_LP_ADV_B10L_EEE
Link Partner 10BASE-T1L EEE Ability. This bit reports if the link partner is
capable of using 10BASE-T1L energy efficient Ethernet.
0x0
R
13
AN_LP_ADV_B10L_TX_LVL_HI_ABL
Link Partner 10BASE-T1L High Level Transmit Operating Mode Ability.
This bit reports whether the link partner is capable of transmitting in the
high level (2.4 V p-p) transmit operating mode. This bit is used with
AN_LP_ADV_B10L_TX_LVL_HI_REQ to configure 10BASE-T1L transmission
level (2.4 V p-p or 1.0 V p-p). See the AN_ADV_B10L_TX_LVL_HI_REQ bit for
more details.
0x0
R
12
AN_LP_ADV_B10L_TX_LVL_HI_REQ
Link Partner 10BASE-T1L High Level Transmit Operating Mode Request. This
bit reports whether the link partner is requesting that high level (2.4 V p-p)
transmit operating mode is used. See the AN_ADV_B10L_TX_LVL_HI_REQ bit
for more details.
0x0
R
11
AN_LP_ADV_B10S_HD
Link Partner 10BASE-T1S Half-Duplex Ability. This bit reports if the link partner
is capable of using 10BASE-T1S half duplex.
0x0
R
[10:0]
RESERVED
Reserved.
0x0
R
BASE-T1 Autonegotiation Next Page Transmit Register, Bits[15:0]
Device Address: 0x07; Register Address: 0x0208, Reset: 0x2001, Name: AN_NEXT_PAGE_L
This address corresponds to the BASE-T1 autonegotiation next page transmit register, Bits[15:0], specified in Clause 45.2.7.23 of Standard
802.3. On power-up or autonegotiation reset, this register contains the default value, which represents a message page with the message code
set to null. Write AN_NEXT_PAGE_M and AN_NEXT_PAGE_H before AN_NEXT_PAGE_L.
Table 81. Bit Descriptions for AN_NEXT_PAGE_L
Bits
Bit Name
Description
Reset
Access
15
AN_NP_NEXT_PAGE_REQ
Next Page Request. This bit indicates to the link partner that the PHY wants to send a next
page. See IEEE Standard 802.3 Subclause 98.2.1.2.9.
0x0
R/W
14
AN_NP_ACK
Next Page Acknowledge. See IEEE Standard 802.3 Subclause 98.2.1.2.8.
0x0
R
13
AN_NP_MESSAGE_PAGE
Next Page Encoding. Indicates encoding of next page, as follows:
0x1
R/W
0: unformatted next page.
1: message next page.
12
AN_NP_ACK2
Acknowledge 2. Indicates whether the PHY can comply with the message. See IEEE
Standard 802.3 Subclause 28.2.3.4.6.
0x0
R/W
11
AN_NP_TOGGLE
Toggle Bit. The toggle bit is used to synchronize pages between the PH_YS. This always
reads as 0 (the toggle bit is set automatically by the arbitration state machine).
0x0
R
[10:0]
AN_NP_MESSAGE_CODE
Message/Unformatted Code Field. For a message page (AN_NP_MESSAGE_PAGE = 1),
the valid values are defined in IEEE Standard 802.3.
0x1
R/W
1: null message.
5: organizationally unique identifier tagged message.
6: autonegotiation device identifier tag code.
BASE-T1 Autonegotiation Next Page Transmit Register, Bits[31:16]
Device Address: 0x07; Register Address: 0x0209, Reset: 0x0000, Name: AN_NEXT_PAGE_M
This address corresponds to the BASE-T1 autonegotiation next page transmit register, Bits[31:16], specified in Clause 45.2.7.23 of Standard
802.3. On power-up or autonegotiation reset, this register contains the default value, which represents a message page with the message code
set to null. Write to AN_NEXT_PAGE_M and AN_NEXT_PAGE_H before AN_NEXT_PAGE_L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com