Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Data Sheet
ADIN1101
HARDWARE CONFIGURATION PINS
analog.com
Rev. A | 21 of 79
control via a GPIO must be used to select the media converter
operation in RMII mode.
Table 16. Media Converter Selection (Hardware Configuration)
MEDIA_CNV
Media Converter Selection
0
Normal PHY operation
1
Media converter operation
PHY Address Configuration
The ADIN1101 PHY address can be configured using three pins:
►
RXD_2/PHYAD_0
►
RXD_3/PHYAD_1
►
LINK_ST/PHYAD_2
These are two-level configuration pins, which means that it is possi-
ble to configure the ADIN1101 to any of the eight available PHY
addresses. The PHY address pins have weak internal pull-down
resistors. Thus, by default, the ADIN1101 is configured with PHY
Address 0x0.
Particular attention is required if these three pins are used in
managed applications and connected to an external host controller
because the PHY address is set after power-up, hardware reset, or
software reset.
Software Power-Down After Reset
The SWPD_EN hardware configuration pin signal is shared with the
RX_DV signal and is used to enable or disable the software pow-
er-down after reset feature. The power-down bit (CRSM_SFT_PD)
is set based on the SWPD_EN signal status during power-up,
hardware reset, or software reset. CRSM_SFT_PD can also be
set using the MDIO interface to enable software power-down after
reset.
The RX_DV/RX_CTL/SWPD_EN pin has a weak internal pull-down
resistor. Thus, by default, the ADIN1101 is configured with software
power-down after reset enabled.
When software power-down after reset is enabled, the ADIN1101
enters software power-down after power-up, hardware reset, or
software reset. Software power-down provides a lower power mode
where most of the ADIN1101 internal modules are turned off.
The ADIN1101 can be configured to exit power-down by setting the
CRSM_SFT_PD bit to 0 using the MDIO interface.
Following a power-up, hardware reset, or software reset, and if
autonegotiation is enabled and software power-down after reset is
disabled, the ADIN1101 starts autonegotiation and tries to bring up
a link.
Table 17. Software Power-Down (Hardware Configuration)
SWPD_EN
Software Power-Down Configuration
0
PHY in software power-down after reset
1
PHY not in software power-down after reset
Leader/Follower Preference
The MS_SEL hardware configuration pin signal is shared with the
RXD_1 signal and configures the default leader/follower selection.
If MS_SEL is pulled low during power-up, hardware reset, or soft-
ware reset, the device is configured by default to prefer follower.
If MS_SEL is pulled high during power-up, hardware reset, or
software reset, the device is configured by default to prefer leader.
The RXD_1/MS_SEL pin has a weak internal pull-down resistor.
Thus, by default, the ADIN1101 is configured to prefer follower.
The MS_SEL hardware configuration pin signal configures the
default setting of the autonegotiation leader/follower configuration
register bit (AN_ADV_MST). MS_SEL also configures the default
setting of the leader/follower configuration register bit (CFG_MST),
which is used when autonegotiation is disabled.
The AN_ADV_MST and CFG_MST bits can be modified using the
MDIO interface but return to their default values set by the MS_SEL
hardware configuration pin signal after power-up, hardware reset,
or software reset.
Table 18. Leader/Follower Selection (Hardware Configuration)
MS_SEL
Leader/Follower Selection
0
Prefer follower selection
1
Prefer leader selection
Transmit Amplitude
The TX2P4_EN hardware configuration pin signal is shared with
the RXD_0 signal and is used to configure the default transmit
amplitude mode. The transmit amplitude mode is defined by the
pin status during power-up, hardware reset, or software reset as
defined in Table 19.
The TX2P4_EN hardware configuration pin signal configures
the default setting of the high voltage transmit ability bit
(B10L_TX_LVL_HI_ABLE).
The RXD_0/TX2P4_EN pin has a weak internal pull-down resistor.
Thus, by default, the ADIN1101 is configured to support both 1.0 V
p-p and 2.4 V p-p voltage levels.
If the RXD_0/TX2P4_EN pin is strapped high (1.0 V p-p only), the
associated register cannot be changed through the MDIO interface.
That is, 2.4 V p-p operation is not possible if the ADIN1101 has
been hardware pin configured only for 1.0 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com