Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 11 of 79
The ADIN1101 is a low power, single port 10BASE-T1L Ethernet
PHY device, compliant with the IEEE 802.3cg Ethernet standard for
long reach, 10 Mbps single pair Ethernet.
The ADIN1101 integrates the following features:
►
PHY core with common analog circuitry
►
Input and output clock buffering
►
MDIO interface to control subsystem registers, clock, and soft-
ware resets
►
MAC interface control logic
►
Hardware configuration pins
►
Configurable hardware interrupt pin
►
Two configurable LED pins
POWER SUPPLY DOMAINS
The ADIN1101 has three power supply domains and requires a
minimum of one supply rail.
►
AVDD_H is the analog power supply input for the analog front
end (AFE) circuitry in the ADIN1101.
►
AVDD_L is the analog supply voltage for the internal LDO cir-
cuits. AVDD_L can be connected to the AVDD_H rail in single-
supply mode or to an alternative lower voltage rail in dual-supply
mode for lower power consumption.
►
VDDIO is the digital power supply input for the ADIN1101 MAC
interface, MDIO, and digital inputs/outputs (I/Os). VDDIO can be
connected directly to the AVDD_L rail or to an external power
rail.
The System Level Power Management section describes various
application circuits that can be used as reference.
In a single-supply application, connect AVDD_H = AVDD_L =
VDDIO. The appropriate supply voltage used depends on the end
application and cable length. The higher transmit amplitude of
2.4 V p-p requires AVDD_H = 3.3 V, whereas the lower transmit
amplitude of 1.0 V p-p requires AVDD_H = 1.8 V or 3.3 V.
MAC INTERFACE
The ADIN1101 provides the option of MII, RMII, or RGMII MAC
interfaces. The MAC interface is selected using the hardware
configuration pins (RX_CLK/RXC/MACIF_SEL0 and RX_ER/MA-
CIF_SEL1) or via the management interface (MDIO). The two
hardware configuration pins for MAC interface selection strap the
ADIN1101 configuration after power-up, hardware reset, or software
reset.
By default (hardware configuration pins floating), the MAC interface
is configured in RMII mode. See the MAC Interface Selection for
more details on how to configure the MAC interface using the
hardware configuration pins.
It is recommended to use the hardware configuration pins for the
MAC interface selection because the supported interfaces have
different clock and pin mapping requirements.
MII Mode
For the receive MII, the ADIN1101 generates a 2.5 MHz reference
clock on RX_CLK to synchronize the RXD_3 to RXD_0 receive
data signals. RX_DV indicates to the MAC that valid data is present
on the RXD_3 to RXD_0 signals. RX_ER is driven high by the
ADIN1101 if an error was detected in the frame that was received
from the MDI interface and is being transmitted to the MAC inter-
face.
For the transmit MII, the ADIN1101 generates a 2.5 MHz reference
clock on TX_CLK. The MAC transmits data on TXD_3 to TXD_0
that is synchronized with TX_CLK. The MAC asserts TX_EN high to
indicate to the ADIN1101 that transmission data is available on the
TXD_3 to TXD_0 signal lines.
Figure 10. MII MAC PHY Interface Signals
RMII Mode
RMII mode requires an external 50 MHz clock, which can be
sourced externally from a MAC chip or a reference clock and
applied to the ADIN1101 XTAL_I/CLK_IN pin. The 50 MHz clock is
used for both the transmit and receive interfaces.
The receive data, RXD_1 to RXD_0, transitions synchronously to
the reference clock (REF_CLK). The carrier sense and received
data valid signal (CRS_DV) is a combination of the carrier sense
and RX_DV signals, and is asserted while the receive medium is
not idle. CRS_DV is asserted asynchronously to REF_CLK and
deasserted synchronously.
RX_ER is also synchronous to the reference clock signal
(REF_CLK) and asserted when an error is detected in the received
frame or when a false carrier is detected. RX_ER assertion on a
false carrier can be disabled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com