Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
Data Sheet
ADIN1101
APPLICATIONS INFORMATION
analog.com
Rev. A | 36 of 79
External Crystal Oscillator for RMII and RGMII
Modes
The typical connection for an external crystal (XTAL) is shown in
Figure 28.
To ensure minimum current consumption and to minimize stray
capacitance, make connections between the crystal, capacitors,
and ground as close to the ADIN1101 as possible. Consult individ-
ual crystal vendors for recommended load information and crystal
performance specifications.
The crystal load capacitance (CL) is defined by the crystal ven-
dor. CPCB1 and CPCB2 are the parasitic capacitance between the
XTAL_I/CLK_IN and XTAL_O tracks and the ground plane beneath,
respectively. CX1 and CX2 are the two external load capacitors
required for the oscillator to operate.
Assuming the following:
►
CPCB1 ≈ CPCB2 ≈ CPCBx
►
CX1 ≈ CX2 ≈ CXx
Then, CXx = 2 × CL – CPCBx – 3 pF
Choose precision capacitors for CXx with low appreciable tempera-
ture coefficient to minimize frequency errors.
To ensure minimum current consumption and to minimize stray
capacitance, make the connections between the crystal, capacitors,
and ground as close to the ADIN1101 as possible.
Figure 28. Crystal Oscillator Connection
External 25 MHz Clock Input for MII and RGMII
Modes
A single-ended 25 MHz reference clock on XTAL_I/CLK_IN can be
used for MII or RGMII mode. The clock source must be dc-coupled
with the ADIN1101 XTAL_I/CLK_IN pin input, and the XTAL_O pin
must be left open circuit.
With 0.8 V ≤ VCLK_IN p-p ≤ 2.5 V, the following results:
►
For 0.8 V ≤ VS p-p ≤ 1.0 V, the following is true:
►
R1 = 50 Ω
►
R2 is not required
►
For 1.0 V < VS p-p < 1.8 V, the following is true:
►
For best performance, set VCLK_IN to 1.0 V p-p
►
500 Ω ≤ R1 ≤ 2 kΩ
►
1 kΩ ≤ R2 ≤ 2 kΩ
►
VS p-p – VCLK_IN p-p > 0.2 V
►
R2 = VCLK_IN p−p × R1
VS p−p− VCLK_IN p−p
►
For 1.8 V ≤ VS p-p, the following is true:
►
R1 = 2 kΩ
►
R2 = 2 kΩ
Figure 29. External 25 MHz Clock Input Circuit for MII and RGMII Modes
Table 31. Recommended R1 and R2 Values for Different VS p-p Values
VS (V p-p)
R1
R2
1.0
50 Ω
Not applicable
1.2
500 Ω
2.5 kΩ
1.8
2 kΩ
2 kΩ
2.2
2 kΩ
2 kΩ
2.5
2 kΩ
2 kΩ
2.8
2 kΩ
2 kΩ
3.0
2 kΩ
2 kΩ
3.3
2 kΩ
2 kΩ
External 50 MHz Clock Input for RMII Mode
RMII mode requires a single-ended 50 MHz reference clock signal
on XTAL/CLK_IN with the XTAL_O pin left open circuit.
The PCB parasitic impedance requires particular attention, and it
is recommended to match the clock trace lengths between the
ADIN1101 and the external MAC (for example, the meandered
trace) for RMII timing purposes.
For best performance, set the ADIN1101 VCLK_IN signal to 1.0 V
p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com