Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 67 of 79
Table 110. Bit Descriptions for DIGIO_PINMUX2 (Continued)
Bits
Bit Name
Description
Reset
Access
1011: TXD_3.
1100: LINK_ST.
1101: LED_0.
1111: off.
[3:0]
DIGIO_TXSOP_PINMUX
Pin Mux Select for TX_SOP.
0xF
R/W
0000: RXD_3.
0001: RXD_2.
0010: RXD_1.
0011: RX_CLK.
0100: RX_DV.
0101: RX_ER.
0111: TX_EN.
1000: TX_CLK.
1001: TXD_1.
1010: TXD_2.
1011: TXD_3.
1100: LINK_ST.
1101: LED_0.
1111: off.
LED 0 On/Off Blink Time Register
Device Address: 0x1E; Register Address: 0x8C80, Reset: 0x3636, Name: LED0_BLINK_TIME_CNTRL
LED on blink time = LED0_ON_N4MS × 4 ms.
LED off blink time = LED0_OFF_N4MS × 4 ms.
If LED0_MODE = 0 and LED0_FUNCTION is set to blink, the LED activity starts with an LED off sequence, followed by an LED on sequence,
and then repeats.
If LED0_MODE = 1 and LED0_FUNCTION is set to blink, the LED activity starts with an LED on sequence, followed by an LED off sequence,
and then repeats.
If LED0_OFF_N4MS = LED0_ON_N4MS = 0, this is a special case whereby the internal activity signal as selected by LED0_FUNCTION can
be monitored live.
If LED0_FUNCTION is programmed to a combination of a link and activity signal, the LED is on while the link is up and with no activity. The
LED switches off for either loss of link or receipt of activity.
If LED0_FUNCTION is programmed to an activity signal, the LED is off with no activity. The LED switches on upon receipt of activity.
Table 111. Bit Descriptions for LED0_BLINK_TIME_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:8]
LED0_ON_N4MS
LED_0 On Blink Time. LED_0 on blink time is calculated by 4 ms × LED0_ON_N4MS bit field. The
recommended value is greater than 3.
0x36
R/W
[7:0]
LED0_OFF_N4MS
LED_0 Off Blink Time. LED_0 off blink time is calculated by 4 ms × LED0_OFF_N4MS bit field. The
recommended value is greater than 3.
0x36
R/W
LED Control Register
Device Address: 0x1E; Register Address: 0x8C82, Reset: 0x8E80, Name: LED_CNTRL
LED control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com