Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 54 of 79
This address corresponds to the 10BASE-T1L PCS control register specified in Clause 45.2.3.68a of Standard 802.3cg.
Table 69. Bit Descriptions for B10L_PCS_CNTRL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R/W SC
14
B10L_LB_PCS_EN
PCS Loopback Enable. When set to 1, this bit enables the 10BASE-T1L PCS loopback.
0x0
R/W
[13:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L PCS Status Register
Device Address: 0x03; Register Address: 0x08E7, Reset: 0x0000, Name: B10L_PCS_STAT
This address corresponds to the 10BASE-T1L PCS status register specified in Clause 45.2.3.68b of Standard 802.3cg.
Table 70. Bit Descriptions for B10L_PCS_STAT
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
2
B10L_PCS_DSCR_STAT_OK_LL
PCS Descrambler Status. When read as 1, this bit indicates that the 10BASE-T1L
descrambler is locked. When read as 0, this bit indicates that the 10BASE-T1L
descrambler has unlocked since the last time the bit was read.
0x0
R LL
[1:0]
RESERVED
Reserved.
0x0
R
Autonegotiation MMD Devices in Package 1 Register
Device Address: 0x07; Register Address: 0x0005, Reset: 0x008B, Name: AN_DEVS_IN_PKG1
Clause 22 registers and PMA/PMD, PCS, and autonegotiation MMDs are present.
Table 71. Bit Descriptions for AN_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_DEVS_IN_PKG1
Autonegotiation MMD Devices in Package 1. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R
Autonegotiation MMD Devices in Package 2 Register
Device Address: 0x07; Register Address: 0x0006, Reset: 0xC000, Name: AN_DEVS_IN_PKG2
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 72. Bit Descriptions for AN_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_DEVS_IN_PKG2
Autonegotiation MMD Devices in Package 2. Vendor Specific Device 1 and Vendor Specific Device
2 MMDs are present.
0xC000
R
BASE-T1 Autonegotiation Control Register
Device Address: 0x07; Register Address: 0x0200, Reset: 0x1000, Name: AN_CONTROL
This address corresponds to the BASE-T1 autonegotiation control register specified in Clause 45.2.7.19 of Standard 802.3.
Table 73. Bit Descriptions for AN_CONTROL
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R/W SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com