Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 77 of 79
MAC Interface Loopbacks Configuration Register
Device Address: 0x1F; Register Address: 0x8055, Reset: 0x000A, Name: MAC_IF_LOOPBACK
MAC interface loopbacks configuration.
Table 145. Bit Descriptions for MAC_IF_LOOPBACK
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
MAC_IF_REM_LB_RX_SUP_EN
Suppress Receiver Enable. Suppress receiver to the MAC when
MAC_IF_REM_LB_EN is set.
0x1
R/W
2
MAC_IF_REM_LB_EN
MAC Interface Remote Loopback Enable. Receive data is looped back to the
transmitter.
0x0
R/W
1
MAC_IF_LB_TX_SUP_EN
Suppress Transmission Enable. Suppress transmission to the PHY when
MAC_IF_LB_EN is set.
0x1
R/W
0
MAC_IF_LB_EN
MAC Interface Loopback Enable. Transmit data is looped back to receiver.
0x0
R/W
MAC Start of Packet (SOP) Generation Control Register
Device Address: 0x1F; Register Address: 0x805A, Reset: 0x001B, Name: MAC_IF_SOP_CNTRL
Table 146. Bit Descriptions for MAC_IF_SOP_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
5
MAC_IF_TX_SOP_LEN_CHK_EN
Enable Transmit SOP Preamble Length Check.
0x0
R/W
4
MAC_IF_TX_SOP_SFD_EN
Enable Transmit SOP Signal Indication on start of frame delimiter (SFD).
0x1
R/W
3
MAC_IF_TX_SOP_DET_EN
Enable the Generation of the Transmit SOP Indication Signal.
0x1
R/W
2
MAC_IF_RX_SOP_LEN_CHK_EN
Enable Receiver SOP Preamble Length Check. If this bit is set and no SFD is
received, the receiver SOP signal indication is set after eight bytes. Otherwise, the
receiver SOP is not set if no SFD is received in the first eight bytes.
0x0
R/W
1
MAC_IF_RX_SOP_SFD_EN
Enable Receiver SOP Signal Indication on SFD Reception. If both
MAC_IF_RX_SOP_DET_EN and MAC_IF_RX_SOP_SFD_EN are set,the receiver
SOP signal is set when the SFD is received. Otherwise, the receiver SOP is set
when RX_DV is set. The receiver SOP signal remains set until the end of the frame.
0x1
R/W
0
MAC_IF_RX_SOP_DET_EN
Enable the Generation of the Receiver SOP Indication Signal.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com