Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
Data Sheet
ADIN1101
HARDWARE CONFIGURATION PINS
analog.com
Rev. A | 22 of 79
Table 19. Transmit Amplitude Selection (Hardware Configuration)
TX2P4_EN
Transmit Amplitude Selection
0
1.0 V p-p and 2.4 V p-p
1
1.0 V p-p
The TX2P4_EN hardware configuration pin signal configures
the value of the 10BASE-T1L high voltage transmit ability bit
(B10L_TX_LVL_HI_ABLE).
If TX2P4_EN is pulled low during power-up, hardware reset, or
software reset, the 2.4 V p-p transmit operating mode is enabled
and the value of B10L_TX_LVL_HI_ABLE is 1.
If TX2P4_EN is pulled high during power-up, hardware reset, or
software reset, the 2.4 V p-p transmit operating mode is disabled,
and the value of B10L_TX_LVL_HI_ABLE is 0.
The B10L_TX_LVL_HI_ABLE bit reports whether the PHY is capa-
ble of operating in the 10BASE-T1L high transmit voltage mode, as
described in Table 20.
Table 20. B10L_TX_LVL_HI_ABLE Settings
Bit Setting
Description
0
PHY does not support 10BASE-T1L high voltage (2.4 V p-p)
transmit level operating mode.
1
PHY supports 10BASE-T1L high voltage (2.4 V p-p) transmit
level operating mode.
MAC Interface Selection
The MAC interface hardware configuration pin signals (MA-
CIF_SELx) are shared with the RX_CLK/RXC and RX_ER signals
and can be configured according to Table 21. The RX_CLK/RXC/
MACIF_SEL0 and RX_ER/MACIF_SEL1 pins have weak internal
pull-down resistors. Thus, by default, the ADIN1101 is configured in
RMII mode. External pull-up/pull-down resistors or host control via
a GPIO must be used to select the RGMII or MII MAC interface
mode.
Table 21. MAC Interface Selection (Hardware Configuration)
MACIF_SEL1
MACIF_SEL0
MAC Interface Selection
0
0
RMII
0
1
RGMII
1
0
Reserved
1
1
MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com