Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
Data Sheet
ADIN1101
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 6 of 79
TA = 25°C, unless otherwise noted.
Table 5. Absolute Maximum Ratings
Parameter
Rating
VDDIO to GND
−0.3 V to +4 V
DVDD_1P1, DLDO_1P1 to GND
−0.3 V to +1.35 V
AVDD_H, AVDD_L to GND
−0.3 V to +4 V
MAC Interface1, MDIO, MDC, INT to GND
−0.3 V to VDDIO + 0.3 V
TXN, TXP to GND
−0.3 V to AVDD + 0.3 V
LED_0, RESET, LINK_ST/PHYAD_2 to GND −0.3 V to VDDIO + 0.3 V
XTAL_I/CLK_IN to GND
−0.3 V to +2.75 V
XTAL_O, CLK25_REF to GND
−0.3 V to +1.35 V
Temperature
Operating Range (TA), Industrial
−40°C to +105°C
Storage Range
−65°C to +150°C
Junction (TJ max)
125°C
Power Dissipation
(TJ max − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
1 See the Pin Configuration and Function Descriptions section for the full list of
MAC interface pins.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJA1
θJC
Unit
CP-32-202
44
23
°C/W
1 θJA is specified for the worst case conditions, that is, a device soldered in a
circuit board for surface-mount packages.
2 Test Condition 1: thermal impedance simulated values are based on a JE-
DEC 2S2P thermal test board with thermal vias. See JEDEC JESD-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADIN1101
Table 7. ADIN1101, 32-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
TXP, TXN Pins
8000
3B
All Other Pins
2000
2
FICDM
1250
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com