Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 43 of 79
Table 45. Bit Descriptions for MI_PHY_ID2
Bits
Bit Name
Description
Reset
Access
[15:10]
MI_PHY_ID2_OUI
OUI, Bits[7:2].
0x2F
R
[9:4]
MI_MODEL_NUM
Model Number.
0x8
R
[3:0]
MI_REV_NUM
Revision Number.
0x1
R
MMD Access Control Register
Address: 0xD, Reset: 0x0000, Name: MMD_ACCESS_CNTRL
This address corresponds to the MMD access control register specified in Clause 22.2.4.3.11 of IEEE Standard 802.3-2018.
Table 46. Bit Descriptions for MMD_ACCESS_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:14]
MMD_ACR_FUNCTION
Function. The function bits select the type of MMD access on accesses to the MMD_ACCESS
register.
0x0
R/W
00: address.
01: data, no post increment.
10: data, post increment on reads and writes.
11: data, post increment on writes only.
[13:5]
RESERVED
Reserved.
0x0
R
[4:0]
MMD_ACR_DEVAD
Device Address. The value in this bit directs any accesses to the MMD_ACCESS register to the
selected MMD.
0x0
R/W
MMD Access Register
Address: 0xE, Reset: 0x0000, Name: MMD_ACCESS
This address corresponds to the MMD access address data register specified in Clause 22.2.4.3.12 of IEEE Standard 802.3-2018.
The MMD_ACCESS register is used in conjunction with the MMD_ACCESS_CNTRL register to provide access to the MMD address space
using the interface and mechanisms defined in Clause 22.2.4.
Table 47. Bit Descriptions for MMD_ACCESS
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD_ACCESS
Access Address. This address corresponds to the MMD access address data register specified in Clause
22.2.4.3.12 of IEEE Standard 802.3-2018. The MMD_ACCESS register is used in conjunction with the
MMD_ACCESS_CNTRL register to provide access to the MMD address space using the interface and
mechanisms defined in Clause 22.2.4.
0x0
R/W
ETHERNET CLAUSE 45 REGISTER DETAILS
Table 48. ADIN1101 Register Summary
Device Address
Register Address
Name
Description
Reset
Access
0x01
0x0000
PMA_PMD_CNTRL1
PMA/PMD Control 1 Register.
0x0000
R/W
0x01
0x0001
PMA_PMD_STAT1
PMA/PMD Status 1 Register.
0x0002
R
0x01
0x0005
PMA_PMD_DEVS_IN_PKG1
PMA/PMD MMD Devices in Package 1.
0x008B
R
0x01
0x0006
PMA_PMD_DEVS_IN_PKG2
PMA/PMD MMD Devices in Package 2
Register.
0xC000
R
0x01
0x0007
PMA_PMD_CNTRL2
PMA/PMD Control 2 Register.
0x003D
R/W
0x01
0x0008
PMA_PMD_STAT2
PMA/PMD Status 2.
0x8301
R
0x01
0x0009
PMA_PMD_TX_DIS
PMA/PMD Transmit Disable Register.
0x0000
R/W
0x01
0x000B
PMA_PMD_EXT_ABILITY
PMA/PMD Extended Abilities Register.
0x0800
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com