Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 61 of 79
The effect of this register is superseded by the AN_EN bit, which enables the autonegotiation process. If autonegotiation is disabled (AN_EN =
0) and AN_FRC_MODE_EN = 1, forced mode is enabled.
Table 89. Bit Descriptions for AN_FRC_MODE_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
AN_FRC_MODE_EN
Autonegotiation Forced Mode. Enables forced mode functionality.
0x0
R/W
Extra Autonegotiation Status Register
Device Address: 0x07; Register Address: 0x8001, Reset: 0x0000, Name: AN_STATUS_EXTRA
This register is provided in addition to AN_STATUS.
Table 90. Bit Descriptions for AN_STATUS_EXTRA
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
AN_LP_NP_RX
Next Page Request Received from Link Partner.
0x0
R LH
9
AN_INC_LINK
Incompatible Link Indication. This corresponds to the incompatible link state of IEEE
Standard 802.3 Subclause 98.5.1. Its value is set by the priority resolution function run on
entering the autonegotiation good check state.
0x0
R
[8:7]
AN_TX_LVL_RSLTN
Autonegotiation Transmit Level Result. Transmit level high/low resolution result, determined
as per IEEE Standard 802.3cg Subclause 146.6.4. This is encoded as follows:
0x0
R
0: not run.
2: success, low transmit levels (1.0 V p-p) selected.
3: success, high transmit levels (2.4 V p-p) selected.
[6:5]
AN_MS_CONFIG_RSLTN
Leader/Follower Resolution Result. Determined as per leader/follower configuration of IEEE
Standard 802.3. This is encoded as follows:
0x0
R
0: not run.
1: configuration fault.
2: success, PHY is configured as follower.
3: success, PHY is configured as leader.
[4:1]
AN_HCD_TECH
Highest Common Denominator (HCD) PHY Technology. As selected by the priority
resolution function of IEEE Standard 802.3 Subclause 98.2.4.2. Consider all values that
are not shown to be reserved.
0x0
R
0: null (not run).
1: 10BASE-T1L.
0
AN_LINK_GOOD
Autonegotiation Complete Indication. This corresponds to the autonegotiation link good
state of IEEE Standard 802.3 Subclause 98.5.1. This signal indicates completion of the
autonegotiation transmission, and that the enabled PHY technology is either bringing up its
link, or that it has brought up its link. See also AN_COMPLETE, which is similar, but also
indicates that PHY link is up.
0x0
R
PHY Instantaneous Status Register
Device Address: 0x07; Register Address: 0x8030, Reset: 0x0010, Name: AN_PHY_INST_STATUS
This register address provides access to instantaneous status indications. These values are not latched, and the set of indications returned by
this register is a consistent set, that is, a set of values in effect at the time the register address is read.
Table 91. Bit Descriptions for AN_PHY_INST_STATUS
Bits
Bit Name
Description
Reset
Access
[15:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com