Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 41 of 79
ETHERNET CLAUSE 22 REGISTER DETAILS
Table 41. ADIN1101 Register Summary
Address
Name
Description
Reset
Access
0x0
MI_CONTROL
MII Control Register.
0x1100
R/W
0x1
MI_STATUS
MII Status Register.
0x1009
R
0x2
MI_PHY_ID1
PHY Identifier 1 Register.
0x0283
R
0x3
MI_PHY_ID2
PHY Identifier 2 Register.
0xBC81
R
0xD
MMD_ACCESS_CNTRL
MMD Access Control.
0x0000
R/W
0xE
MMD_ACCESS
MMD Access.
0x0000
R/W
MII Control Register
Address: 0x0, Reset: 0x1100, Name: MI_CONTROL
This address corresponds to the MII control register specified in Clause 22.2.4.1 of Standard 802.3.
Table 42. Bit Descriptions for MI_CONTROL
Bits
Bit Name
Description
Reset
Access
15
MI_SFT_RST
Software Reset. The software reset bit allows a software reset cycle to be initiated. Mirrors
CRSM_SFT_RST.
0x0
R/W SC
14
MI_LOOPBACK
Local Loopback (PCS). The loopback bit allows the PHY loopback mode to be engaged. Mirrors
LB_PCS_EN.
0x0
R/W
13
MI_SPEED_SEL_LSB
MII Speed Selection LSB. See MI_SPEED_SEL_MSB.
0x0
R
12
MI_AN_EN
Autonegotiation Enable. Use the AN_FRC_MODE_EN bit to enable forced link configuration mode.
Mirrors AN_EN.
0x1
R
0: disable autonegotiation.
1: enable autonegotiation.
11
MI_SFT_PD
Software Power-Down. The software power-down bit allows the PHY to be placed in software
power-down mode. In this mode, most of the PHY circuitry is switched off. However, MDIO access
to all registers is still possible. The default value for this register is configurable via the RX_DV/
RX_CTL/SWPD_EN pin, which allows the PHY to be held in reset until an appropriate software
initialization has been performed. Mirrors CRSM_SFT_PD.
Pin dependent
R/W
10
MI_ISOLATE
MII Isolate. The isolate bit allows the PHY to be isolated from the MII.
0x0
R/W
9
RESERVED
Reserved.
0x0
R/W SC
8
MI_FULL_DUPLEX
MII Full Duplex. The duplex mode bit cannot be written and always reads as 1 because the PHY is
only able to operate in full duplex mode.
0x1
R
7
MI_COLTEST
MII Collision Test. The collision test bit cannot be written and always reads as 0 because the PHY is
only able to operate in full duplex mode, and does not have a collision detect MII (COL) pin.
0x0
R
6
MI_SPEED_SEL_MSB
MII Speed Selection MSB. The speed selection MSB and LSB bits cannot be written and always
reads as 00 because the PHY is only able to operate at 10 Mbps.
0x0
R
5
MI_UNIDIR_EN
MII Unidirectional Enable. The unidirectional enable bit cannot be written and always reads as 0
because the PHY does not have the ability to transmit data from the MII regardless of whether it
has determined that a valid link has been established.
0x0
R
[4:0]
RESERVED
Reserved.
0x0
R
MII Status Register
Address: 0x1, Reset: 0x1009, Name: MI_STATUS
This address corresponds to the MII status register specified in Clause 22.2.4.2 of Standard 802.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com