Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 68 of 79
Table 112. Bit Descriptions for LED_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x8E
R/W
7
LED0_EN
LED_0 Enable. A disabled LED is off. An enabled LED can be on or blinking depending on
LED0_FUNCTION selection and activity
0x1
R/W
6
LED0_LINK_ST_QUALIFY
Qualify Certain LED_0 Options with link_status.
0x0
R/W
0: TX_LEVEL_2P4, TX_LEVEL_1P0, leader, follower not qualified by link_status.
1: TX_LEVEL_2P4, TX_LEVEL_1P0, leader, follower is qualified by link_status.
5
LED0_MODE
LED_0 Mode Selection. 1: Mode 2 ()
0x0
R/W
0: LED_MODE1. If there is activity, blink at the rate defined by MMR LED0_BLINK_TIME_CNTRL.
1: LED_MODE2. The LED blink frequency is set depending on the activity level. The activity level is graded
in steps of 10%, and the frequency of the LED adjusts accordingly. A higher activity level means a longer
off duration and a shorter on duration. The activity level is reevaluated after a window period that varies
between 640 ms and 1.5 sec.
[4:0]
LED0_FUNCTION
LED_0 Pin Function. Determines the source activity for the LED_0 pin. The CLK25_REF, TX_TCLK, and
CLK_120MHZ options are clock out features with the LED controller bypassed. The waveform transmitted off
chip is dependent on the selected clock source frequency.
0x0
R/W
The following LED_FUNCTION settings are not qualified with link_status. LED0_FUNCTION =
on, off, blink, INCOMPATIBLE_LINK_CFG, AN_LINK_GOOD, AN_COMPLETE, LOC_RCVR_STATUS,
REM_RCVR_STATUS, CLK25_REF, TX_TCLK, and CLK_120MHz.
The TX_LEVEL_2P4, TX_LEVEL_1P0, leader, and follower options are optionally qualified by link_status
and controlled via the LED0_LINK_ST_QUALIFY MMR.
The TX_LEVEL_2P4,TX_LEVEL_1P0, leader, follower, MSTR_SLV_FAULT, AN_LINK_GOOD,
AN_COMPLETE, and TS_TIMER options are considered status indicators and the LED controller is not
used. If the programmed signal is high, the LED is static on, and if the programmed signal is low, the LED is
static off.
0: LINKUP_TXRX_ACTIVITY.
1: LINKUP_TX_ACTIVITY.
2: LINKUP_RX_ACTIVITY.
3: LINKUP_ONLY.
4: TXRX_ACTIVITY.
5: TX_ACTIVITY.
6: RX_ACTIVITY.
7: LINKUP_RX_ER.
8: LINKUP_RX_TX_ER.
9: RX_ER.
10: RX_TX_ER.
11: TX_SOP.
12: RX_SOP.
13: on.
14: off.
15: blink.
16: TX_LEVEL_2P4.
17: TX_LEVEL_1P0.
18: leader.
19: follower.
20: INCOMPATIBLE_LINK_CFG.
21: AN_LINK_GOOD.
22: AN_COMPLETE.
23: TS_TIMER.
24: LOC_RCVR_STATUS.
25: REM_RCVR_STATUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com