Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 102 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 102 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 102 of 109
Frame Checker Transmit Select Register
Device Address: 0x1F; Register Address: 0x8005, Reset: 0x0000, Name: FC_TX_SEL
This register is used to select the transmit side or receive side for frames to be checked. If set, frames received from the MAC interface to
be transmitted are checked. The frame checker can be used to verify that correct data is received over the MAC interface and is also useful
if remote loopback is enabled (see the MAC_IF_REM_LB_EN bit in the MAC_IF_LOOPBACK register) because it can be used to check the
received data after it is looped back at the MAC interface.
Table 203. Bit Descriptions for FC_TX_SEL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FC_TX_SEL
Frame Checker Transmit Select. When set, this bit indicates that the frame checker must check frames
received to be transmitted by the PHY.
0x0
R/W
1: check frames from the MAC interface to be transmitted by the PHY.
0: check frames received by the PHY from the remote end.
Receive Error Count Register
Device Address: 0x1F; Register Address: 0x8008, Reset: 0x0000, Name: RX_ERR_CNT
The receive error counter register is used to access the receive error counter associated with the frame checker in the PHY.
Table 204. Bit Descriptions for RX_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
RX_ERR_CNT
Receive Error Count. This is the receive error counter associated with the frame checker in the PHY. Note
that this bit is self clearing upon reading.
0x0
R SC
Frame Checker Count High Register
Device Address: 0x1F; Register Address: 0x8009, Reset: 0x0000, Name: FC_FRM_CNT_H
This register is a latched copy of Bits[31:16] of the 32-bit of the receive frame counter register. When the receive error counter (RX_ERR_CNT)
is read, the receive frame counter register is latched so that the error count and the receive frame count are synchronized.
Table 205. Bit Descriptions for FC_FRM_CNT_H
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FRM_CNT_H
Bits[31:16] of Latched Copy of the Number of Received Frames.
0x0
R
Frame Checker Count Low Register
Device Address: 0x1F; Register Address: 0x800A, Reset: 0x0000, Name: FC_FRM_CNT_L
This register is a latched copy of Bits[15:0] of the 32-bit receive frame counter register. When the receive error counter (RX_ERR_CNT) is read,
the receive frame counter register is latched so that the error count and receive frame count are synchronized.
Table 206. Bit Descriptions for FC_FRM_CNT_L
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FRM_CNT_L
Bits[15:0] of Latched Copy of the Number of Received Frames.
0x0
R
Frame Checker Length Error Count Register
Device Address: 0x1F; Register Address: 0x800B, Reset: 0x0000, Name: FC_LEN_ERR_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com