Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 103 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 103 of 109
This register is a latched copy of the frame length error counter register. This register is a count of received frames with a length error status.
When the receive error counter (RX_ERR_CNT) is read, the frame length error counter register is latched, which ensures that the frame length
error count and receive frame count are synchronized.
Table 207. Bit Descriptions for FC_LEN_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_LEN_ERR_CNT
Latched Copy of the Frame Length Error Counter.
0x0
R
Frame Checker Alignment Error Count Register
Device Address: 0x1F; Register Address: 0x800C, Reset: 0x0000, Name: FC_ALGN_ERR_CNT
This register is a latched copy of the frame alignment error counter register. This register is a count of received frames with an alignment error
status. When the receive error counter (RX_ERR_CNT) is read, the alignment error counter is latched, which ensures that the frame alignment
error count and the receive frame count are synchronized.
Table 208. Bit Descriptions for FC_ALGN_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ALGN_ERR_CNT
Latched Copy of the Frame Alignment Error Counter.
0x0
R
Frame Checker Symbol Error Count Register
Device Address: 0x1F; Register Address: 0x800D, Reset: 0x0000, Name: FC_SYMB_ERR_CNT
This register is a latched copy of the symbol error counter register. This register is a count of received frames with both RX_ER and RX_DV set.
When the receive error counter (RX_ERR_CNT) is read, the symbol error count is latched, which ensures that the symbol error count and the
frame receive count are synchronized.
Table 209. Bit Descriptions for FC_SYMB_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_SYMB_ERR_CNT
Latched Copy of the Symbol Error Counter.
0x0
R
Frame Checker Oversized Frame Count Register
Device Address: 0x1F; Register Address: 0x800E, Reset: 0x0000, Name: FC_OSZ_CNT
This register is a latched copy of the oversized frame error counter register. This register is a count of receiver frames with a length greater than
specified in frame checker maximum frame size (FC_MAX_FRM_SIZE). When the receive error counter (RX_ERR_CNT) is read, the oversized
frame counter register is latched, which ensures that the oversized error count and the receive frame count are synchronized.
Table 210. Bit Descriptions for FC_OSZ_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_OSZ_CNT
Latched copy of the Oversized Frame Error Counter.
0x0
R
Frame Checker Undersized Frame Count Register
Device Address: 0x1F; Register Address: 0x800F, Reset: 0x0000, Name: FC_USZ_CNT
This register is a latched copy of the undersized frame error counter register. This register is a count of received frames with less than 64 bytes.
When the receive error counter (RX_ERR_CNT) is read, the undersized frame error counter is latched, which ensures that the undersized
frame error count and the receive frame count are synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com