Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 107 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 107 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 107Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 108Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 109Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 107 of 109
Table 223. Bit Descriptions for FG_DONE (Continued)
Bits
Bit Name
Description
Reset
Access
0
FG_DONE
Frame Generator Done. This bit reads as 1 to indicate that the generation of frames has completed. When set,
this bit goes high and it latches high until its unlatched by reading.
0x0
R LH
MAC Interface Loopbacks Configuration Register
Device Address: 0x1F; Register Address: 0x8055, Reset: 0x000A, Name: MAC_IF_LOOPBACK
MAC interface loopbacks configuration.
Table 224. Bit Descriptions for MAC_IF_LOOPBACK
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
MAC_IF_REM_LB_RX_SUP_EN
Suppress RX Enable. Suppress receiver to the MAC when MAC_IF_REM_LB_EN
is set.
0x1
R/W
2
MAC_IF_REM_LB_EN
MAC Interface Remote Loopback Enable. Receive data is looped back to the
transmitter.
0x0
R/W
1
MAC_IF_LB_TX_SUP_EN
Suppress Transmission Enable. Suppress transmission to the PHY when
MAC_IF_LB_EN is set.
0x1
R/W
0
MAC_IF_LB_EN
MAC Interface Loopback Enable. Transmit data is looped back to the receiver.
0x0
R/W
MAC Start of Packet (SOP) Generation Control Register
Device Address: 0x1F; Register Address: 0x805A, Reset: 0x001B, Name: MAC_IF_SOP_CNTRL
Table 225. Bit Descriptions for MAC_IF_SOP_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
5
MAC_IF_TX_SOP_LEN_CHK_EN
Enable TX SOP Preamble Length Check.
0x0
R/W
4
MAC_IF_TX_SOP_SFD_EN
Enable TX SOP Signal Indication on start of frame delimiter (SFD).
0x1
R/W
3
MAC_IF_TX_SOP_DET_EN
Enable the Generation of the TX SOP Indication Signal.
0x1
R/W
2
MAC_IF_RX_SOP_LEN_CHK_EN
Enable RX SOP Preamble Length Check. If this bit is set and no SFD is received,
the RX SOP signal indication is set after eight bytes. Otherwise, the RX SOP is
not set if no SFD is received in the first eight bytes.
0x0
R/W
1
MAC_IF_RX_SOP_SFD_EN
Enable RX SOP Signal Indication on SFD Reception. If both
MAC_IF_RX_SOP_DET_EN and MAC_IF_RX_SOP_SFD_EN are set, the RX
SOP signal is set when the SFD is received. Otherwise, the RX SOP is set when
RX_DV is set. The RX SOP signal remains set until the end of the frame.
0x1
R/W
0
MAC_IF_RX_SOP_DET_EN
Enable the Generation of the RX SOP Indication Signal.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com