Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
Data Sheet
ADIN1111
APPLICATIONS INFORMATION
analog.com
Rev. A | 28 of 109
SYSTEM LEVEL POWER MANAGEMENT
Transmit Level = 1.0 V p-p
The 1.0 V p-p transmit operating mode can operate at a lower
AVDD_H supply voltage of 1.8 V.
For applications where the ADIN1111 must operate in a 1.0 V p-p
transmit operating mode, the TX2P4_EN pin must be tied high via
a 4.7 kΩ resistor (see Figure 19). This configuration forces the
ADIN1111 to only operate at 1.0 V p-p transmit operating mode and
enables the operation of the ADIN1111 from a signal supply voltage,
operating at a lower voltage rail (for example, 1.8 V), allowing the
user to minimize power dissipation in the system.
Figure 19. Supplies and Capacitors for 1.0 V p-p Transmit Mode
Transmit Level = 2.4 V p-p
The higher transmit operating mode of 2.4 V p-p supports trunk
applications and requires a higher AVDD_H supply voltage of 3.3
V. This mode can be used for longer cable lengths in industrial
Ethernet environments with high noise levels.
For the ADIN1111 to be able to operate in 2.4 V p-p, the TX2P4_EN
pin must be tied low (no external connection required to achieve
this due to the presence of an internal pull-down resistor). This
mode of operation still allows the 1.0 V p-p operating mode to be
selected via MDIO or via autonegotiation.
Figure 20 shows an overview of the proposed power configuration.
For single-supply operation, the same rail can be used to supply
the AVDD_H, AVDD_L, and VDDIO supply rails. Note that this
configuration requires that AVDD_H is 3.3 V even if the link is
established at 1.0 V p-p transmit operating mode via MDIO or
autonegotiation.
Figure 20. Supplies and Capacitors for 2.4 V p-p and 1.0 V p-p Transmit Mode
LED CIRCUIT EXAMPLES
The LED_0 and LED_1 pins can be used in various circuit configu-
rations depending on the LED polarity mode selected (see LED
Polarity Register). The example circuits described in this section
provide examples for the three polarity modes available for each
LED, as follows:
►
Autosense (default)
►
Active low
►
Active high
As described in the LED Functions section, the maximum output
current for both LED_0 and LED_1 is 8 mA with a VDDIO =
3.3 V. For higher current requirements, consider using the circuit
described in Transistor Controlled LED.
Active High LED Polarity
In the active high configuration, the LED_x pin can drive an external
LED from the anode side. Select the R0 and R1 resistors to control
the LED current (refer to the selected LED specifications in Table
1 for information). External pull-down resistors (RPD0, RPD1) with a
value of 4.7 kΩ are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com