Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 98 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 98 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 98 of 109
Table 192. Bit Descriptions for LED_CNTRL (Continued)
Bits
Bit Name
Description
Reset
Access
15: blink.
16: TX_LEVEL_2P4.
17: TX_LEVEL_1P0.
18: leader.
19: follower.
20: INCOMPATIBLE_LINK_CFG.
21: AN_LINK_GOOD.
22: AN_COMPLETE.
23: TS_TIMER.
24: LOC_RCVR_STATUS.
25: REM_RCVR_STATUS.
26: CLK25_REF.
27: TX_TCLK.
28: CLK_120MHZ.
7
LED0_EN
LED 0 Enable. A disabled LED is off. An enabled LED can be on or blinking depending on
LED0_FUNCTION selection and activity
0x1
R/W
6
LED0_LINK_ST_QUALIFY
Qualify Certain LED 0 Options with link_status.
0x0
R/W
0: TX_LEVEL_2P4, TX_LEVEL_1P0, leader, follower not qualified by link_status.
1: TX_LEVEL_2P4, TX_LEVEL_1P0, leader, follower are qualified by link_status.
5
LED0_MODE
LED 0 Mode Selection.
0x0
R/W
0: LED Mode 1. If activity, blink at the rate defined by MMR LED0_BLINK_TIME_CNTRL.
1: LED Mode 2. The LED blink frequency is set depending on the level of activity. The activity level is graded
in steps of 10%, and the frequency of the LED adjusts accordingly. A higher activity level means a longer off
duration and shorter on duration. The activity level is reevaluated after a window period that varies between
640 ms and 1.5 sec.
[4:0]
LED0_FUNCTION
LED_0 Pin Function. Determines the source activity for the LED_0 pin.
0x0
R/W
The CLK25_REF, TX_TCLK, CLK_120MHZ options are clock out features with the LED controller bypassed.
The waveform transmitted off chip is dependent on the selected clock source frequency.
The following LED_FUNCTION settings are not qualified with link_status: LED_FUNCTION =
on, off, blink, INCOMPATIBLE_LINK_CFG, AN_LINK_GOOD, AN_COMPLETE, LOC_RCVR_STATUS,
REM_RCVR_STATUS, CLK25_REF, TX_TCLK and CLK_120MHz.
Options TX_LEVEL_2P4, TX_LEVEL_1P0, leader, and follower are optionally qualified by link status and
this is controlled via the LED0_LINK_ST_QUALIFY MMR.
The TX_LEVEL_2P4, TX_LEVEL_1P0, leader, follower, MSTR_SLV_FAULT, AN_LINK_GOOD,
AN_COMPLETE, and TS_TIMER. These options are considered status indicators and the LED controller is
not used. If the programmed signal is high, the LED is static on and if the programmed signal is low, the
LED is static off.
0: LINKUP_TXRX_ACTIVITY.
1: LINKUP_TX_ACTIVITY.
2: LINKUP_RX_ACTIVITY.
3: LINKUP_ONLY.
4: TXRX_ACTIVITY.
5: TX_ACTIVITY.
6: RX_ACTIVITY.
7: LINKUP_RX_ER.
8: LINKUP_RX_TX_ER.
9: RX_ER.
10: RX_TX_ER.
11: TX_SOP.
12: RX_SOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com