Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Data Sheet
ADIN1111
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. A | 18 of 109
UNMANAGED PHY OPERATION
For an unmanaged PHY application or lightly managed PHY appli-
cation where there is no software management of the PHY, the
hardware configuration pins determine the operating mode. The
TX2P4_EN pin configures the PHY to advertise the support of both
1.0 V p-p and 2.4 V p-p transmit level operation or to only advertise
support of 1.0 V p-p transmit level operation. The MS_SEL pin is
used to configure the PHY to advertise prefer follower or prefer
leader. The SWPD_EN pin must be pulled up at power-up and
reset so that the PHY does not enter software power-down mode
when it exits reset. Once the PHY exits reset, the ADIN1111 starts
autonegotiation and attempts to bring up a link after autonegotiation
completes.
A lightly managed PHY can use the hardware configuration pins to
determine the operation of the PHY and to bring up a 10BASE-T1L
link. Afterwards, software can monitor the operation of the PHY.
MANAGED PHY OPERATION
In a managed PHY application, software is used to configure the
PHY operation using the management interface. The hardware
configuration pins can be used to set the default values of the
registers used to control the transmit amplitude and leader/follower
setting. The SWPD_EN pin must be pulled low at power-up and
reset so that the PHY enters software power-down mode when
it exits reset. The PHY remains in software power-down mode
until the software configures the PHY and takes it out of software
power-down mode to start autonegotiation and attempt to bring up
a link.
Power-Up and Reset Complete
To confirm that the MAC has exited reset, read the PHY identifica-
tion register (PHYID). If the reset value of the register (0x283BC91)
can be read, the device has exited reset and is ready for configura-
tion.
Next, the host must read the STATUS0 register and confirm that
the RESETC field is 1. Note that if the RESETC field is 0, and the
SYNC field of the CONFIG0 register is 1, the MAC-PHY is already
configured by the host and, therefore, has not been reset. This
can indicate that the host is reset, but the MAC-PHY has not been
reset.
Write 1 to the RESETC field in the STATUS0 register to clear this
field, and the interrupt pin asserts high.
The PHYINT field of the STATUS0 register also asserts. To
clear this field, the corresponding status registers, PHY_SUB-
SYS_IRQ_STATUS and CRSM_IRQ_STATUS, must be cleared or
masked.
The system ready bit (CRSM_SYS_RDY) can also be read to verify
that the start-up sequence is complete and the system is ready for
normal operation.
The software power-down status bit (CRSM_SFT_PD_RDY) can be
read to check if the device is in the software power-down state. This
bit is configured by the SWPD_EN hardware configuration pin.
MAC Initialization
After power-up or reset, configure the ADIN1111 MAC. Write the
IMASK0 and IMASK1 registers to enable interrupts as required.
Write CONFIG0 and CONFIG2 to set up the required functionality
of the MAC. For example, set the OPEN Alliance chunk size or
enable cut through, if required.
When the MAC is configured, write 1 to the SYNC field in the CON-
FIG0 register to indicate that the MAC configuration is complete.
Configuring the Device for Linking
After power-up or reset, configure the ADIN1111 PHY for the
desired operation for linking. The ADIN1111 may already be config-
ured as required for linking by the hardware configuration pins, but
greater control is available using the management registers.
The autonegotiation process is used to match the operating mode
between a local and remote PHY. For example, autonegotiation is
used to ensure that the modes agree between the two devices on
which PHY operates as leader and which as follower. Autonegotia-
tion is also used to match the transmit level between the two PHYs.
Autonegotiation is enabled by default for the ADIN1111, and it is
strongly recommended to always keep autonegotiation enabled.
Autonegotiation is defined by the IEEE standard and includes a
number of mechanisms to ensure robust linking operation between
PHYs and is the fastest way to bring up a link.
Advertisement of Transmit Level Operating
Mode
The ADIN1111 can support transmit level operation at either 1.0 V
p-p or 2.4 V p-p if the 10BASE-T1L high voltage transmit ability
read only register bit (B10L_TX_LVL_HI_ABLE) is 1 and there
is a 3.3 V supply provided on the AVDD_H pins. The higher
transmit level can support longer reach but also has higher power
consumption. The ADIN1111 can support 1.0 V p-p transmit level
operation with a 1.8 V supply on the AVDD_H pins at very low
power consumption.
The ADIN1111 can either be configured to advertise support
of both 1.0 V p-p and 2.4 V p-p transmit level operation
(if B10L_TX_LVL_HI_ABLE = 1) or to advertise support of
only 1.0 V p-p transmit level operation. This is set using
the 10BASE-T1L high level transmit operating mode ability
bit within the BASE-T1 autonegotiation advertisement register
(AN_ADV_B10L_TX_LVL_HI_ABL). 0 = support 1.0 V p-p transmit
level only, and 1 = support both 1.0 V p-p and 2.4 V p-p transmit
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com