Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 93 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 93 of 109
System Interrupt Status Register
Device Address: 0x1E; Register Address: 0x0010, Reset: 0x1000, Name: CRSM_IRQ_STATUS
This address can be used to check which interrupt requests have triggered since the last time it was read. Each bit goes high when the
associated event occurs and then latches high until it is unlatched by reading. The bits of CRSM_IRQ_STATUS go high even when the
associated interrupts are not enabled. A reserved interrupt being triggered indicates a fatal error in the system.
Table 178. Bit Descriptions for CRSM_IRQ_STATUS
Bits
Bit Name
Description
Reset
Access
15
CRSM_SW_IRQ_LH
Software Requested Interrupt Event.
0x0
R LH
[14:13]
RESERVED
Reserved.
0x0
R
12
CRSM_HRD_RST_IRQ_LH
Hardware Reset Interrupt.
0x1
R LH
[11:0]
RESERVED
Reserved.
0x0
R LH
System Interrupt Mask Register
Device Address: 0x1E; Register Address: 0x0020, Reset: 0x1FFE, Name: CRSM_IRQ_MASK
Controls whether or not the interrupt signal is asserted in response to various events.
Table 179. Bit Descriptions for CRSM_IRQ_MASK
Bits
Bit Name
Description
Reset
Access
15
CRSM_SW_IRQ_REQ
Software Interrupt Request. Software can set this bit to generate an interrupt for system
level testing. This bit always reads as 0 as it is self clearing.
0x0
R/W SC
[14:13]
RESERVED
Reserved.
0x0
R
12
CRSM_HRD_RST_IRQ_EN
Enable Hardware Reset Interrupt. Note that writing a 0 to this register does not mask
the interrupt since this register is initialized when a hardware reset occurs.
0x1
R/W
[11:0]
RESERVED
Reserved.
0xFFE
R/W
Software Reset Register
Device Address: 0x1E; Register Address: 0x8810, Reset: 0x0000, Name: CRSM_SFT_RST
Table 180. Bit Descriptions for CRSM_SFT_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_SFT_RST
Software Reset Register. The software reset bit allows the chip to be reset. When this bit is set, the chip
fully initializes, almost equivalent to a hardware reset.
0x0
R/W SC
Software Power-Down Control Register
Device Address: 0x1E; Register Address: 0x8812, Reset: 0x0000, Name: CRSM_SFT_PD_CNTRL
Table 181. Bit Descriptions for CRSM_SFT_PD_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_SFT_PD
Software Power-Down. The software power-down register puts the chip in a lower power mode.
In this mode, most of the circuitry is switched off. However, MDIO access to all registers is still
possible. The default value for this register is configurable via the SWPD_EN pin, which allows
the chip to be held in power-down mode until an appropriate software initialization is performed.
Pin dependent
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com