Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
Data Sheet
ADIN1111
APPLICATIONS INFORMATION
analog.com
Rev. A | 30 of 109
ground as close to the ADIN1111 as possible. Consult individual
crystal vendors for recommended load information and crystal per-
formance specifications.
The crystal load capacitance (CL) is defined by the crystal ven-
dor. CPCB1 and CPCB2 are the parasitic capacitance between the
XTAL_I/CLK_IN and XTAL_O pins and the ground plan beneath,
respectively. CX1 and CX2 are the two external load capacitors
required for the oscillator to operate.
Assuming the following:
►
CPCB1 ≈ CPCB2 ≈ CPCBx
►
CX1 ≈ CX2 ≈ CXx
Then, CXx = 2 × CL – CPCBx – 3 pF
Choose precision capacitors for CXx with low appreciable tempera-
ture coefficient to minimize frequency errors.
To ensure minimum current consumption and to minimize stray
capacitance, make the connections between the crystal, capacitors,
and ground as close to the ADIN1111 as possible.
Figure 24. Crystal Oscillator Connection
External 25 MHz Clock Input
The clock source must be a dc-coupled with the ADIN1111 XTAL_I/
CLK_IN pin input, and the XTAL_O pin must be left open circuit.
With 0.8 V ≤ VCLK_IN p-p ≤ 2.5 V, the following results:
►
For 0.8 V ≤ VS p-p ≤ 1.0 V, the following is true:
►
R1 = 50 Ω
►
R2 is not required
►
For 1.0 V < VS p-p < 1.8 V, the following is true:
►
For best performance, set VCLK_IN to 1.0 V p-p
►
500 Ω ≤ R1 ≤ 2 kΩ
►
1 kΩ ≤ R2 ≤ 2 kΩ
►
VS p-p – VCLK_IN p-p > 0.2 V
►
R2 = VCLK_IN p−p × R1
VS p−p− VCLK_IN p−p
►
For 1.8 V ≤ VS p-p, the following is true:
►
R1 = 2 kΩ
►
R2 = 2 kΩ
Figure 25. External 25 MHz Clock Input Circuit
Table 25. Recommended R1 and R2 Values for Different VS p-p Values
S (V p-p)
R1
R2
1.0
50 Ω
Not applicable
1.2
500 Ω
2.5 kΩ
1.8
2 kΩ
2 kΩ
2.2
2 kΩ
2 kΩ
2.5
2 kΩ
2 kΩ
2.8
2 kΩ
2 kΩ
3.0
2 kΩ
2 kΩ
3.3
2 kΩ
2 kΩ
802.1AS SUPPORT
Typically, any device operating in an 802.1AS network executes the
following operations periodically:
►
Generate peer delay request and handle response
►
Receive peer delay request and generate response
►
Receive synchronization frame (follower clock)
►
Transmit synchronization frame (leader clock)
These features require that the MAC is capable of time stamping
specific incoming and outgoing frames.
To assist with these features, the ADIN1111 MAC provides the
following hardware:
►
Internal free-running counter
►
Syntonized counter
►
Waveform generation on TS_TIMER output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com