Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 72 of 109
Table 122. Bit Descriptions for MI_STATUS (Continued)
Bits
Bit Name
Description
Reset
Access
5
MI_AN_COMPLETE
Autonegotiation Complete. The autonegotiation complete bit indicates that the autonegotiation
process is completed and the PHY link is up. Mirrors AN_COMPLETE.
0x0
R
4
MI_REM_FLT
Remote Fault. The remote fault bit always reads as 0 as the PHY has no provision for remote fault
detection.
0x0
R LH
3
MI_AN_ABLE
Autonegotiation Ability. The autonegotiation ability bit always reads as 1 indicating that the PHY has
the ability to perform autonegotiation. Mirrors AN_ABLE.
0x1
R
2
MI_LINK_STAT_LAT
Link Status. This uses a latch low functionality as described in IEEE Standard 802.3 Subclause
45.2.7.20.5. If the link_status value is fail, this register remains cleared until the latching is cleared
when the register is read. Mirrors AN_LINK_STATUS.
0x0
R LL
1
MI_JABBER_DET
MII Jabber Detect. The jabber detect bit always reads as 0 as the 10BASE-T1L PHY does not
incorporate a jabber detect function.
0x0
R LH
0
MI_EXT_CAPABLE
MII Extended Capability. The extended capability bit always reads as 1 indicating that the PHY
provides an extended set of capabilities that can be accessed through the extended register set.
The extended register set consists of all of the management registers except 0, 1, and 15.
0x1
R
PHY Identifier 1 Register
Address: 0x2, Reset: 0x0283, Name: MI_PHY_ID1
The PHY Identifier 1 address allows 16 bits of the OUI to be observed.
Table 123. Bit Descriptions for MI_PHY_ID1
Bits
Bit Name
Description
Reset
Access
[15:0]
MI_PHY_ID1
The PHY Identifier 1 address allows 16 bits of the OUI to be observed.
0x283
R
PHY Identifier 2 Register
Address: 0x3, Reset: 0xBC91, Name: MI_PHY_ID2
The PHY Identifier 2 address allows six bits of the OUI, the model number, and revision number to be observed.
Table 124. Bit Descriptions for MI_PHY_ID2
Bits
Bit Name
Description
Reset
Access
[15:10]
MI_PHY_ID2_OUI
OUI, Bits[7:2].
0x2F
R
[9:4]
MI_MODEL_NUM
Model Number.
0x9
R
[3:0]
MI_REV_NUM
Revision Number.
0x1
R
MMD Access Control Register
Address: 0xD, Reset: 0x0000, Name: MMD_ACCESS_CNTRL
This address corresponds to the MMD access control register specified in Clause 22.2.4.3.11 of IEEE Standard 802.3-2018.
Table 125. Bit Descriptions for MMD_ACCESS_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:14]
MMD_ACR_FUNCTION
Function. The function register selects the type of MMD access on accesses to the MMD_DAR
register.
0x0
R/W
00: address.
01: data, no post increment.
10: data, post increment on reads and writes.
11: data, and post increment on writes only.
[13:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com