Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 94 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 94 of 109
PHY Subsystem Reset Register
Device Address: 0x1E; Register Address: 0x8814, Reset: 0x0000, Name: CRSM_PHY_SUBSYS_RST
Table 182. Bit Descriptions for CRSM_PHY_SUBSYS_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_PHY_SUBSYS_RST
PHY Subsystem Reset. The PHY subsystem reset register allows a managed subsystem
reset to be initiated. When the PHY subsystem is reset, normal operation resumes, and
the bit is self cleared.
0x0
R/W SC
PHY MAC Interface Reset Register
Device Address: 0x1E; Register Address: 0x8815, Reset: 0x0000, Name: CRSM_MAC_IF_RST
Table 183. Bit Descriptions for CRSM_MAC_IF_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_MAC_IF_RST
PHY MAC Interface Reset. The PHY MAC interface reset register allows a managed PHY MAC
interface reset to be initiated. When the PHY MAC interface is reset, normal operation resumes,
and the bit is self cleared.
0x0
R/W SC
System Status Register
Device Address: 0x1E; Register Address: 0x8818, Reset: 0x0000, Name: CRSM_STAT
Table 184. Bit Descriptions for CRSM_STAT
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R
1
CRSM_SFT_PD_RDY
Software Power-Down Status. This bit indicates that the system is in the software power-down
state.
0x0
R
0
CRSM_SYS_RDY
System Ready. This bit indicates that the start-up sequence is complete and the system is ready
for normal operation.
0x0
R
CRSM Power Management Control Register
Device Address: 0x1E; Register Address: 0x8819, Reset: 0x0000, Name: CRSM_PMG_CNTRL
Table 185. Bit Descriptions for CRSM_PMG_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_FRC_OSC_EN
Force Digital Boot Oscillator Clock Enable.
0x0
R/W
CRSM Diagnostics Clock Control Register
Device Address: 0x1E; Register Address: 0x882C, Reset: 0x0002, Name: CRSM_DIAG_CLK_CTRL
CRSM diagnostics clock control.
Table 186. Bit Descriptions for CRSM_DIAG_CLK_CTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x1
R
0
CRSM_DIAG_CLK_EN
Enable the Diagnostics Clock.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com