Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
Data Sheet
ADIN1111
APPLICATIONS INFORMATION
analog.com
Rev. A | 29 of 109
Figure 21. Recommended Active High LED Circuit
Active Low LED Polarity
In active low configuration, the LED_x pin can drive an external
LED from the cathode side. Select the R0 and R1 resistors to
control the LED current (refer to the selected LED specifications in
Table 1 for information). External pull-up resistors (RPU0, RPU1) with
a value of 4.7 kΩ are recommended.
Figure 22. Recommended Active Low LED Circuit
Transistor Controlled LED
Figure 23 displays a typical configuration where the LED current
required is higher than what the LED_0 and LED_1 pins can supply.
The circuit operates using the active high LED mode. An external
transistor such as an N-channel metal-oxide semiconductor field
effect transistor (MOSFET) can be used. The transistor must be
selected so the gate input capacitance is not sinking current above
the maximum rating of the LED during the actuation (refer to the
transistor technical specifications for information). If required, the
inrush current can be reduced by placing a resistance between
the transistor gate and the ADIN1110 pin, and/or adding a parallel
capacitor between the GND and the LED_x pin. The additional re-
sistor and capacitor values must be defined based on the transistor
selection.
Select the R0 and R1 resistors to control the LED current. External
pull-down resistors (RPD0, RPD1) with a value of 4.7 kΩ are recom-
mended.
VCC can be set to match the LED power requirements.
Figure 23. Recommended Transistor Controlled LED Circuit
Autosense Polarity
In autosense mode, the polarity of the LED is automatically detect-
ed during power-up, hardware reset, or software reset.
LED_0 (internal pull-up) and LED_1 (internal pull-down) have differ-
ent autosense behaviors due to their internal pull-up and pull-down
configurations. Use one of the configurations described in the
Active High LED Polarity, Active Low LED Polarity, and Transistor
Controlled LED sections so that the two LED_x pins can be control-
led the same way.
COMPONENT RECOMMENDATIONS
The ADIN1111 requires an external 25 MHz clock, which can be
sourced from an external crystal oscillator or an external single-
ended clock.
The signal voltage on the XTAL_I/CLK_IN pin (VCLK_IN) must be
a sine or filtered square wave signal with a peak-to-peak voltage
range from 0.8 V to 2.5 V. For the single-ended clock option, a
VCLK_IN with a 1.0 V p-p swing is recommended to achieve best
performance.
Various circuit configurations are proposed in the following sections.
A common circuit topology can be used across these options with a
change to the passive component values.
Note that during normal operation, a 25 MHz reference clock
generated from the external clock source input (a crystal or 25 MHz
external single-ended clock) is provided on the CLK25_REF output
pin. This pin can be used as a reference clock for other circuits,
such as another 10BASE-T1L device. CLK25_REF is disabled in
reset mode.
External Crystal Oscillator
The typical connection for an external crystal (XTAL) is shown in
Figure 24.
To ensure minimum current consumption and minimize stray ca-
pacitance, make connections between the crystal, capacitors, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com