Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 51 of 109
Table 48. Bit Descriptions for CONFIG0 (Continued)
Bits
Bit Name
Description
Reset
Access
9
TXCTE
Transmit Cut Through Enable. This bit enables the cut through mode of frame transfer through the
MAC-PHY device from the SPI host to the network. When cut through on Tx is enabled, the host must
ensure that data is provided to the device at a rate of >10 Mbps to ensure frame transmission does not
under run.
0x0
R/W
8
RXCTE
Receive Cut Through Enable. This bit enables the cut through mode of frame transfer through the
MAC-PHY device from the network to the SPI host. Cut through must be enabled on device configuration
before receiving frames is enabled. That is, enable cut through before setting P1_FWD_UNK2HOST or
writing to the ADDR_FILT_x registers. RXCTE must be 0 when using the generic SPI protocol.
0x0
R/W
7
FTSE
Frame Time Stamp Enable. This bit enables IEEE 1588 receive and transmit frame time stamps.
0x0
R/W
0: frame receive/transmit time stamps are disabled.
1: frame receive/transmit time stamps are enabled.
6
FTSS
Receive Frame Time Stamp Select. When supported by this MAC-PHY device and enabled by FTSE = 1,
this bit configures the size and format of the time stamps appended to received frames and capture on
request of transmit frames.
0x0
R/W
0: 32-bit time stamps.
1: 64-bit time stamps.
5
PROTE
Enable Control Data Read Write Protection. When set and using the OPEN Alliance SPI protocol, all
control data written to and read from the MAC-PHY is transferred with its complement for detection of bit
errors. When set and using the generic SPI protocol, a CRC8 must be provided on SDI, and read data on
SDO provides a CRC8. Note this bit cannot be written. Its value is set via sensing a pin on power-up.
0x0
R
4
SEQE
Enable TX Data Chunk Sequence and Retry. When supported by this MAC-PHY device, this bit enables
MAC-PHY monitoring of the SEQ bit transmitted in the Tx data chunk header by the SPI host and Tx data
chunk retries. 0: support for Tx data chunk sequence and retry is disabled. The MAC-PHY ignores the Tx
header SEQ bit. 1: support for Tx data chunk sequence and retry is enabled. The MAC-PHY monitors the
SEQ bit in the Tx header and allows rewriting of the Tx data chunks when the SEQ bit does not change.
Not supported. Only applies to the OPEN Alliance SPI protocol.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
[2:0]
CPS
Chunk Payload Selector (N). Chunk Payload Size is 2^N. N = 3 minimum and 6 maximum. Default is 64
bytes. This field must be set on device configuration before frame transmission from the host starts and
before enabling receiving frames into the Rx FIFOs. This field cannot be modified while transmitting a
frame from the host or while sending a received frame to the host. Once the configuration synchronization
(SYNC) bit is set, the chunk payload size does not change without a reset of the MAC-PHY. The minimum
supported chunk payload size for this MAC-PHY device is indicated in the CPSMIN field of the capability
register. Only applies to the OPEN Alliance SPI protocol.
0x6
R/W
011: chunk size is 8 bytes.
100: chunk size is 16 bytes.
101: chunk size is 32 bytes.
110: chunk size is 64 bytes.
Configuration Register 2
Address: 0x06, Reset: 0x00000800, Name: CONFIG2
Vendor specific.
Table 49. Bit Descriptions for CONFIG2
Bits
Bit Name
Description
Reset
Access
[31:9]
RESERVED
Reserved.
0x4
R
8
TX_RDY_ON_EMPTY
Assert TX_RDY When the Tx FIFO is Empty. By default, TX_RDY asserts when a frame
transmits. If this bit is set, TX_RDY asserts when the Tx FIFO is empty. This field is only used
with the generic SPI protocol.
0x0
R/W
7
SFD_DETECT_SRC
Determines If the SFD is Detected in the PHY or MAC.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com