Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 54 of 109
Table 51. Bit Descriptions for STATUS1 (Continued)
Bits
Bit Name
Description
Reset
Access
(RX_THRESH) is reached or the EOF byte of a frame is received. If there are frames in both the Rx
high and low priority FIFOs, the frame from the high priority FIFO is read first by default. This field is
only used with the generic SPI protocol.
3
TX_RDY
Tx Ready. If TX_RDY_ON_EMPTY is 0, TX_RDY asserts when frame transmission completes. If
TX_RDY_ON_EMPTY is 1, TX_RDY asserts when the Tx FIFO is empty and frame transmission
completes. This bit is cleared by writing 1 to this field. This field is only used with the generic SPI
protocol.
0x0
R/W1C
2
RESERVED
Reserved.
0x0
R
1
LINK_CHANGE
Link Status Changed. Indicates that the link status has changed on Port 1.
0x0
R/W1C
0
P1_LINK_STATUS
Port 1 Link Status. This bit does not generate an interrupt event.
0x0
R
0: link down.
1: link pp.
Buffer Status Register
Address: 0x0B, Reset: 0x00007700, Name: BUFSTS
Table 52. Bit Descriptions for BUFSTS
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:8]
TXC
Transmit Credits Available. Number of chunk buffers of transmit data currently available for the SPI host to
write. Reading this field allows the SPI host to queue up the number of transmit chunks available into a single
DMA, if desired. The value in this field is saturated to 31 and sent in the 5-bit TXC field of every RX data
footer. The default (maximum) number of transmit buffer credits available is implementation specific. This field
is only used with the OPEN Alliance SPI protocol
0x77
R
[7:0]
RCA
Receive Chunks Available. Number of chunks of receive data currently available for the SPI host to read.
Reading this field allows the SPI host to queue up the number of receive chunks available into a single DMA,
if desired. This field is only used with the OPEN Alliance SPI protocol.
0x0
R
Interrupt Mask Register 0
Address: 0x0C, Reset: 0x00001FBF, Name: IMASK0
Table 53. Bit Descriptions for IMASK0
Bits
Bit Name
Description
Reset
Access
[31:13]
RESERVED
Reserved.
0x0
R
12
CDPEM
Control Data Protection Error Mask. Setting this bit to 1 prevents the control data protection error status bit in
STATUS0 from asserting the footer EXST bit. This field is only used with the OPEN Alliance SPI protocol.
0x1
R/W
11
TXFCSEM
Transmit Frame Check Sequence Error Mask. Setting this bit to 1 prevents the transmit frame check
sequence error status bit in STATUS0 from asserting the interrupt pin.
0x1
R/W
10
TTSCACM
Transmit Time Stamp Capture Available C Mask. Setting this bit to 1 prevents the Transmit Time Stamp
Capture Available C status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
9
TTSCABM
Transmit Time Stamp Capture Available B Mask. Setting this bit to 1 prevents the Transmit Time Stamp
Capture Available B status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
8
TTSCAAM
Transmit Time Stamp Capture Available A Mask. Setting this bit to 1 prevents the Transmit Time Stamp
Capture Available A status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
7
PHYINTM
Physical Layer Interrupt Mask. Setting this bit to 1 prevents the physical layer interrupt (PHYINT) status bit in
STATUS0 from asserting the footer EXST bit.
0x1
R/W
6
RESETCM
RESET Complete Mask. This bit is reserved as a mask for the reset complete (RESETC) status bit. This bit
is read only and always 0 because the RESETC status bit is a non maskable interrupt that causes IRQn to
always assert when RESETC is set.
0x0
R
5
HDREM
Header Error Mask. Setting this bit to 1 prevents the header error (HDRE) status bit in STATUS0 from
asserting the footer EXST bit. This field is only used with the OPEN Alliance SPI protocol.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com