Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 61 of 109
Table 73. Bit Descriptions for TXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
TX_SIZE
Data in the Tx FIFO. Number of Half Words(16 Bit).
0x0
R
Host Tx Frames Dropped Due to FIFO Overflow Register
Address: 0x41, Reset: 0x00000000, Name: HTX_OVF_FRM_CNT
Table 74. Bit Descriptions for HTX_OVF_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
HTX_OVF_FRM_CNT
Counts Host Tx Frames Dropped Due to FIFO Overflow.
0x0
R
Address of a Detected ECC Error in Memory Register
Address: 0x42, Reset: 0x00000000, Name: MECC_ERR_ADDR
Table 75. Bit Descriptions for MECC_ERR_ADDR
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
MECC_ERR_ADDR
Address of an Uncorrectable ECC Error in Memory. This is the address of the first uncorrectable
ECC error detected. That is when either RX_ECC_ERR or TX_ECC_ERR assert. When
RX_ECC_ERR and TX_ECC_ERR are cleared, the register is opened to catch the address
of the next ECC error. SRAM is 16 bits wide and this address points to a location in SRAM.
0x0
R
Corrected ECC Error Counters Register
Address: 0x43 to 0x49 (Increments of 1), Reset: 0x00000000, Name: CECC_ERRn
Table 76. Bit Descriptions for CECC_ERRn
Bits
Bit Name
Description
Reset
Access
[31:10]
RESERVED
Reserved.
0x0
R
[9:0]
CECC_ERR_CNT
Corrected ECC Error Count. The counters map to FIFOs as follows: CECC_ERR[0] low priority Rx
FIFO for P1CECC_ERR[1], high priority Rx FIFO for P1CECC_ERR[4] - Tx FIFO from the host.
0x0
R
MAC Address Rule and DA Filter Upper 16 Bits Registers
Address: 0x50 to 0x6E (Increments of 2), Reset: 0x00000000, Name: ADDR_FILT_UPRn
Contains the upper 16 bits of a MAC address and the filtering rule associated with the MAC address.
When writing the ADDR_FILT_x registers, two register locations must be written in order for a given table entry.
For example, to write table entry 0, the registers must be written in the following order:
1. ADDR_FILT_UPR0.
2. ADDR_FILT_LWR0.
Table 77. Bit Descriptions for ADDR_FILT_UPRn
Bits
Bit Name
Description
Reset
Access
31
RESERVED
Reserved.
0x0
R/W
30
APPLY2PORT1
Apply to Port 1.
0x0
R/W
0: do not apply to Port 1. Do not apply this table entry/rule to frames received on Port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com