Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 85 of 109
Table 155. Bit Descriptions for AN_STATUS (Continued)
Bits
Bit Name
Description
Reset
Access
4
AN_REMOTE_FAULT
Autonegotiation Remote Fault. Remote fault set in base page received from link partner.
0x0
R LH
3
AN_ABLE
Autonegotiation Ability. When this bit is read as 1, it indicates that the PHY is able to perform
autonegotiation.
0x1
R
2
AN_LINK_STATUS
Link Status. When read as 1, this bit indicates that a valid link is established. If this bit reads 0, it
means that the link has failed since the last time it was read.
0x0
R LL
[1:0]
RESERVED
Reserved.
0x0
R
BASE-T1 Autonegotiation Advertisement Register, Bits[15:0]
Device Address: 0x07; Register Address: 0x0202, Reset: 0x0001, Name: AN_ADV_ABILITY_L
This address corresponds to the BASE-T1 autonegotiation advertisement register, Bits[15:0] specified in Clause 45.2.7.21 of Standard 802.3.
Table 156. Bit Descriptions for AN_ADV_ABILITY_L
Bits
Bit Name
Description
Reset
Access
15
AN_ADV_NEXT_PAGE_REQ
Next Page Request. This bit indicates to the link partner that the PHY wants to send a
next page. See IEEE Standard 802.3 subclause 98.2.1.2.9.
0x0
R/W
14
AN_ADV_ACK
Acknowledge (ACK). This bit indicates that the device has received the link codeword
of its link partner. See IEEE Standard 802.3 Subclause 98.2.1.2.8.
0x0
R
13
AN_ADV_REMOTE_FAULT
Remote Fault. See IEEE Standard 802.3 Subclause 98.2.1.2.7.
0x0
R/W
12
AN_ADV_FORCE_MS
Force Leader/follower Configuration. This bit allows the PHY to force its leader/
follower configuration. When this bit is set as 0, the leader/follower configuration is
a preferred mode. (The configuration in AN_ADV_MST is a preferred configuration.)
If this bit is set to 1, the leader/follower configuration is a forced mode. (The
configuration in AN_ADV_MST is a forced configuration.) See IEEE Standard 802.3
Subclause 98.2.1.2.5 for more details.
0x0
R/W
[11:10]
AN_ADV_PAUSE
Pause Ability. This bit field advertises support for asymmetric and symmetric pause
functions on full duplex links. See IEEE Standard 802.3 Subclause 98.2.1.2.6 for
more details.
0x0
R/W
[9:5]
RESERVED
Reserved.
0x0
R
[4:0]
AN_ADV_SELECTOR
Selector. The value of this field is fixed at 5'b00001, which is the IEEE 802.3 selector
value. See IEEE Standard 802.3 Subclause 98.2.1.2.1.
0x1
R
BASE-T1 Autonegotiation Advertisement Register, Bits[31:16]
Device Address: 0x07; Register Address: 0x0203, Reset: 0x4000, Name: AN_ADV_ABILITY_M
This address corresponds to the BASE-T1 autonegotiation advertisement register, Bits[31:16], specified in Clause 45.2.7.21 of Standard 802.3.
Table 157. Bit Descriptions for AN_ADV_ABILITY_M
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
AN_ADV_B10L
10BASE-T1L Ability. This bit indicates that the device is compatible with 10BASE-T1L.
0x1
R/W
[13:5]
RESERVED
Reserved.
0x0
R
4
AN_ADV_MST
Leader/follower Configuration. This bit advertises the leader/follower configuration, as follows:
0: follower, 1: leader. See also the AN_ADV_FORCE_MS bit, which determines whether this
bit expresses a preference or a forced value. See IEEE Standard 802.3 Subclause 98.2.1.2.3
(leader/follower configuration is Bit 4 of the transmitted nonce field).
Pin Dependent
R/W
[3:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com