Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 92 of 109
This address corresponds to the Vendor Specific MMD 1 device identifier register specified in Clause 45.2.11.1 of Standard 802.3 and allows 16
bits of the organizationally unique identifier (OUI) to be observed.
Table 173. Bit Descriptions for MMD1_DEV_ID1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD1_DEV_ID1
Organizationally Unique Identifier. Bits[3:18]
0x283
R
Vendor Specific MMD 1 Device Identifier Low Register
Device Address: 0x1E; Register Address: 0x0003, Reset: 0xBC91, Name: MMD1_DEV_ID2
This address corresponds to the Vendor Specific MMD 1 device identifier register specified in Clause 45.2.11.1 of Standard 802.3 and allows
six bits of the OUI along with the model number and revision number to be observed.
Table 174. Bit Descriptions for MMD1_DEV_ID2
Bits
Bit Name
Description
Reset
Access
[15:10]
MMD1_DEV_ID2_OUI
Organizationally Unique Identifier. Bits[19:24]
0x2F
R
[9:4]
MMD1_MODEL_NUM
Model Number.
0x9
R
[3:0]
MMD1_REV_NUM
Revision Number.
0x1
R
Vendor Specific 1 MMD Devices in Package Register
Device Address: 0x1E; Register Address: 0x0005, Reset: 0x008B, Name: MMD1_DEVS_IN_PKG1
Clause 22 registers and PMA/PMD, PCS, and autonegotiation MMDs are present.
Table 175. Bit Descriptions for MMD1_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD1_DEVS_IN_PKG1
Vendor Specific 1 MMD Devices in Package. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R
Device Address: 0x1E; Register Address: 0x0006, Reset: 0xC000, Name: MMD1_DEVS_IN_PKG2
Vendor-specific device 1 and Vendor-specific device 2 MMDs present
Table 176. Bit Descriptions for MMD1_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD1_DEVS_IN_PKG2
Vendor Specific 1 MMD Devices in Package. Vendor Specific Device 1 and Vendor
Specific Device 2 MMDs are present.
0xC000
R
Vendor Specific MMD 1 Status Register
Device Address: 0x1E; Register Address: 0x0008, Reset: 0x8000, Name: MMD1_STATUS
This address corresponds to the Vendor Specific MMD 1 status register specified in Clause 45.2.11.2 of Standard 802.3.
Table 177. Bit Descriptions for MMD1_STATUS
Bits
Bit Name
Description
Reset
Access
[15:14]
MMD1_STATUS
Vendor Specific 1 MMD Status.
0x2
R
10: device responding at this address.
11: no device responding at this address.
01: no device responding at this address.
00: no device responding at this address.
[13:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com