Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 58 of 109
Table 64. Bit Descriptions for TX_SPACE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
TX_SPACE
Transmit FIFO Space Available in Half Words (16 Bits). This is used by the host software to determine if there
is space in the Tx FIFO for a frame. Note that the software can queue 2 frames for transmission and wait for
a TX_RDY interrupt, or it can fill the Tx FIFO with multiple frames and use TX_SPACE to determine if there is
space for the next frame. Note that an extra 2 words of space are needed per frame in the host TX FIFO to
store the frame size and header. For example, if the TX_SPACE is 64, the maximum size frame that can be
written is (64 -2) × 2 bytes = 124 bytes. Only used with the generic SPI protocol.
0xFFF
R
Transmit Threshold Register
Address: 0x34, Reset: 0x00000041, Name: TX_THRESH
Table 65. Bit Descriptions for TX_THRESH
Bits
Bit Name
Description
Reset
Access
[31:6]
RESERVED
Reserved.
0x1
R
[5:0]
HOST_TX_THRESH
Host Transmit Start Threshold in Cut Through. When cut through on Tx is enabled
(TX_CUT_THRU_EN = 1), this field is used to set the threshold in half words (16 bits) at which
frame transmission starts for frames coming from the host. The range of valid values for this field is
1 to 26 half words.
0x1
R/W
MAC FIFO Clear Register
Address: 0x36, Reset: 0x00000000, Name: FIFO_CLR
Table 66. Bit Descriptions for FIFO_CLR
Bits
Bit Name
Description
Reset
Access
[31:2]
RESERVED
Reserved.
0x0
R
1
MAC_TXF_CLR
Clear the Host Transmit FIFO. If a frame is currently being transmitted, the transmission stops and a bad
CRC is appended to the frame.
0x0
W
0
MAC_RXF_CLR
Clear the Receive FIFOs. Writes to the Rx FIFO resume at the start of the next frame.
0x0
W
Scratch Registers
Address: 0x37 to 0x3A (Increments of 1), Reset: 0x00000000, Name: SCRATCHn
Table 67. Bit Descriptions for SCRATCHn
Bits
Bit Name
Description
Reset
Access
[31:0]
SCRATCH_DATA
Scratch Data.
0x0
R/W
MAC Reset Status Register
Address: 0x3B, Reset: 0x00000003, Name: MAC_RST_STATUS
If this register returns 0x00000000_00000001 when read, the oscillator clock is active, but the 25 MHz crystal clock is not active.
If this register returns 0x00000000_00000003 when read, both the oscillator clock and the 25 MHz crystal clock are active.
If this register returns 0x00000000_00000000 (SDO output pad is enabled while CS is low), the SPI follower and MAC core are both still in
reset.
Only single SPI reads of this register are supported. An SPI burst read must not increment into this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com