Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 66 of 109
Table 94. Bit Descriptions for P1_RX
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RDR
Receive Data Register. This field is only used with the generic SPI protocol. Reading this register returns the
four bytes at the top of the receive FIFO and pops these four bytes from the FIFO. The upper 8 bits contain the
first byte, the next 8 bits contain the second byte, and so on. When a complete frame is read out, no further data
is returned from the P1 Rx FIFOs until the P1_RX_FRM_SIZE register is read first. Only used with the generic
SPI protocol.
0x0
R
P1 Rx Frame Count Register
Address: 0xA0, Reset: 0x00000000, Name: P1_RX_FRM_CNT
Table 95. Bit Descriptions for P1_RX_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_FRM_CNT
Rx Frame Count. This counter increments for received good and bad frames.
0x0
R
P1 Rx Broadcast Frame Count Register
Address: 0xA1, Reset: 0x00000000, Name: P1_RX_BCAST_CNT
Table 96. Bit Descriptions for P1_RX_BCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_BCAST_CNT
Rx Broadcast Frame Count. This counter increments for received good and bad frames.
0x0
R
P1 Rx Multicast Frame Count Register
Address: 0xA2, Reset: 0x00000000, Name: P1_RX_MCAST_CNT
Table 97. Bit Descriptions for P1_RX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_MCAST_CNT
Rx Multicast Frame Count. This counter increments for received good and bad frames.
0x0
R
P1 Rx Unicast Frame Count Register
Address: 0xA3, Reset: 0x00000000, Name: P1_RX_UCAST_CNT
Table 98. Bit Descriptions for P1_RX_UCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_UCAST_CNT
Rx Unicast Frame Count.
0x0
R
P1 Rx CRC Errored Frame Count Register
Address: 0xA4, Reset: 0x00000000, Name: P1_RX_CRC_ERR_CNT
Table 99. Bit Descriptions for P1_RX_CRC_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P1_RX_CRC_ERR_CNT
Rx CRC Errored Frame Count.
0x0
R
P1 Rx Align Error Count Register
Address: 0xA5, Reset: 0x00000000, Name: P1_RX_ALGN_ERR_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com