Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 100 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 100 of 109
Table 195. Bit Descriptions for MMD2_DEV_ID2
Bits
Bit Name
Description
Reset
Access
[15:10]
MMD2_DEV_ID2_OUI
OUI Bits.
0x2F
R
[9:4]
MMD2_MODEL_NUM
Model Number.
0x9
R
[3:0]
MMD2_REV_NUM
Revision Number.
0x1
R
Vendor Specific 2 MMD Devices in Package Register
Device Address: 0x1F; Register Address: 0x0005, Reset: 0x008B, Name: MMD2_DEVS_IN_PKG1
Clause 22 registers and PMA/PMD, PCS, and autonegotiation MMDs are present.
Table 196. Bit Descriptions for MMD2_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD2_DEVS_IN_PKG1
Vendor Specific 2 MMDs in Package 1. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R
Device Address: 0x1F; Register Address: 0x0006, Reset: 0xC000, Name: MMD2_DEVS_IN_PKG2
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 197. Bit Descriptions for MMD2_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD2_DEVS_IN_PKG2
Vendor Specific 2 MMDs in Package 2. Vendor Specific 1 and Vendor Specific 2 MMDs
are present.
0xC000
R
Vendor Specific MMD 2 Status Register
Device Address: 0x1F; Register Address: 0x0008, Reset: 0x8000, Name: MMD2_STATUS
This address corresponds to the Vendor Specific MMD 2 status register.
Table 198. Bit Descriptions for MMD2_STATUS
Bits
Bit Name
Description
Reset
Access
[15:14]
MMD2_STATUS
Vendor specific 2 MMD Status.
0x2
R
10: device responding at this address.
11: no device responding at this address.
01: no device responding at this address.
00: no device responding at this address.
[13:0]
RESERVED
Reserved.
0x0
R
PHY Subsystem Interrupt Status Register
Device Address: 0x1F; Register Address: 0x0011, Reset: 0x0000, Name: PHY_SUBSYS_IRQ_STATUS
This address can be read to check which interrupt events have occurred since the last time it was read. Each bit goes high when the associated
event occurs and then latches high until it is unlatched by reading. The bits of PHY_SUBSYS_IRQ_STATUS go high even when the associated
bits in PHY_SUBSYS_IRQ_MASK are not set. A reserved interrupt being triggered indicates a fatal error in the system.
Table 199. Bit Descriptions for PHY_SUBSYS_IRQ_STATUS
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R LH
14
MAC_IF_FC_FG_IRQ_LH
MAC Interface Frame Checker/Generator Interrupt.
0x0
R LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com