Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 104 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 105Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 106Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 107Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 104 of 109
Table 211. Bit Descriptions for FC_USZ_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_USZ_CNT
Latched Copy of the Undersized Frame Error Counter.
0x0
R
Frame Checker Odd Nibble Frame Count Register
Device Address: 0x1F; Register Address: 0x8010, Reset: 0x0000, Name: FC_ODD_CNT
This register is a latched copy of the odd nibble frame register. This register is a count of received frames with an odd number of nibbles in the
frame. When the receive error counter (RX_ERR_CNT) is read, the odd nibble frame counter register is latched, which ensures that the odd
nibble frame count and the receive frame count are synchronized.
Table 212. Bit Descriptions for FC_ODD_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ODD_CNT
Latched Copy of the Odd Nibble Counter.
0x0
R
Frame Checker Odd Preamble Packet Count Register
Device Address: 0x1F; Register Address: 0x8011, Reset: 0x0000, Name: FC_ODD_PRE_CNT
This register is a latched copy of the odd preamble packet counter register. This register is a count of received packets with an odd number of
nibbles in the preamble. When the receive error counter (RX_ERR_CNT) is read, the odd preamble packet counter register is latched, which
ensures that the odd preamble packet count and the receive frame count are synchronized.
Table 213. Bit Descriptions for FC_ODD_PRE_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ODD_PRE_CNT
Latched Copy of the Odd Preamble Packet Counter.
0x0
R
Frame Checker False Carrier Count Register
Device Address: 0x1F; Register Address: 0x8013, Reset: 0x0000, Name: FC_FALSE_CARRIER_CNT
This register is a latched copy of the false carrier events counter register. This is a count of the number of times the bad SSD state is entered.
When the receive error counter (RX_ERR_CNT) is read, the false carrier events counter register is latched, which ensures that the false carrier
events count and the receive frame count are synchronized.
Table 214. Bit Descriptions for FC_FALSE_CARRIER_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FALSE_CARRIER_CNT
Latched Copy of the False Carrier Events Counter.
0x0
R
Frame Generator Enable Register
Device Address: 0x1F; Register Address: 0x8020, Reset: 0x0000, Name: FG_EN
This register is used to enable the frame generator. When the frame generator is enabled, the source of data for the PHY comes from the frame
generator and not the MAC interface. To use the frame generator, the diagnostic clock must also be enabled (DIAG_CLK_EN).
Table 215. Bit Descriptions for FG_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_EN
Frame Generator Enable.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com