Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 101 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 101 of 109
Table 199. Bit Descriptions for PHY_SUBSYS_IRQ_STATUS (Continued)
Bits
Bit Name
Description
Reset
Access
13
MAC_IF_EBUF_ERR_IRQ_LH
MAC Interface Buffers Overflow/Underflow Interrupt.
0x0
R LH
12
RESERVED
Reserved.
0x0
R LH
11
AN_STAT_CHNG_IRQ_LH
Autonegotiation Status Change Interrupt.
0x0
R LH
[10:2]
RESERVED
Reserved.
0x0
R LH
1
LINK_STAT_CHNG_LH
Link Status Change.
0x0
R LH
0
RESERVED
Reserved.
0x0
R LH
PHY Subsystem Interrupt Mask Register
Device Address: 0x1F; Register Address: 0x0021, Reset: 0x2402, Name: PHY_SUBSYS_IRQ_MASK
Controls whether or not the interrupt signal is asserted in response to various events.
Table 200. Bit Descriptions for PHY_SUBSYS_IRQ_MASK
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R/W SC
14
MAC_IF_FC_FG_IRQ_EN
Enable MAC Interface Frame Checker/Generator Interrupt.
0x0
R/W
13
MAC_IF_EBUF_ERR_IRQ_EN
Enable MAC Interface Buffers Overflow/Underflow Interrupt.
0x1
R/W
12
RESERVED
Reserved.
0x0
R/W
11
AN_STAT_CHNG_IRQ_EN
Enable Autonegotiation Status Change Interrupt.
0x0
R/W
[10:2]
RESERVED
Reserved.
0x100
R/W
1
LINK_STAT_CHNG_IRQ_EN
Enable Link Status Change Interrupt.
0x1
R/W
0
RESERVED
Reserved.
0x0
R/W
Frame Checker Enable Register
Device Address: 0x1F; Register Address: 0x8001, Reset: 0x0001, Name: FC_EN
This register is used to enable the frame checker. The frame checker analyzes the received frames from either the MAC interface or the PHY
(see the FC_TX_SEL register) to report the number of frames received, CRC errors, and various other frame errors. The frame checker frame
and error counter registers count these events.
Table 201. Bit Descriptions for FC_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FC_EN
Frame Checker Enable. Set to 1 to enable the frame checker.
0x1
R/W
Frame Checker Interrupt Enable Register
Device Address: 0x1F; Register Address: 0x8004, Reset: 0x0001, Name: FC_IRQ_EN
This register is used to enable the frame checker interrupt. An interrupt is generated when a receive error occurs. Enable the frame
checker/generator interrupt in the PHY_SUBSYS_IRQ_MASK register. Set the MAC_IF_FC_FG_IRQ_EN bit.
The status can be read via the MAC_IF_FC_FG_IRQ_LH bit in the PHY_SUBSYS_IRQ_STATUS register.
Table 202. Bit Descriptions for FC_IRQ_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FC_IRQ_EN
Frame Checker Interrupt Enable. When set, this bit enables the frame checker interrupt.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com