Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 106 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 106 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 105Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 106Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 107Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 108Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 109Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 106 of 109
Frame Generator Frame Length Register
Device Address: 0x1F; Register Address: 0x8025, Reset: 0x006B, Name: FG_FRM_LEN
This register specifies the data field frame length in bytes. In addition to the data field, six bytes are added for the source address, six bytes
for the destination address, two bytes for the length field, and four bytes for the frame check sequence (FCS). The total length is the data field
length plus 18.
Table 219. Bit Descriptions for FG_FRM_LEN
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_FRM_LEN
The Data Field Frame Length in Bytes.
0x6B
R/W
Frame Generator Interframe Gap Length Register
Device Address: 0x1F; Register Address: 0x8026, Reset: 0x000C, Name: FG_IFG_LEN
This register specifies the length in bytes of the interframe gap to be inserted between frames by the frame generator.
Table 220. Bit Descriptions for FG_IFG_LEN
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_IFG_LEN
Frame Generator Interframe Gap Length. This register specifies the length in bytes of the interframe gap to
be inserted between frames by the frame generator.
0xC
R/W
Frame Generator Number of Frames High Register
Device Address: 0x1F; Register Address: 0x8027, Reset: 0x0000, Name: FG_NFRM_H
This register is Bits[31:16] of a 32-bit register that specifies the number of frames to be generated each time the frame generator is enabled or
restarted.
Table 221. Bit Descriptions for FG_NFRM_H
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_NFRM_H
Bits[31:16] of the Number of Frames to be Generated.
0x0
R/W
Frame Generator Number of Frames Low Register
Device Address: 0x1F; Register Address: 0x8028, Reset: 0x0100, Name: FG_NFRM_L
This register is Bits[15:0] of a 32-bit register that specifies the number of frames to be generated each time the frame generator is enabled or
restarted.
Table 222. Bit Descriptions for FG_NFRM_L
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_NFRM_L
Bits[15:0] of the Number of Frames to be Generated.
0x100
R/W
Frame Generator Done Register
Device Address: 0x1F; Register Address: 0x8029, Reset: 0x0000, Name: FG_DONE
This register is used to indicate that the frame generator has completed the generation of the number of frames requested in the FG_NFRM_H
and FG_NFRM_L registers.
Table 223. Bit Descriptions for FG_DONE
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com