Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ-R7 Datasheet(PDF) 108 Page - Analog Devices

Part # ADIN1111CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111CCPZ-R7 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADIN1111CCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 104Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 105Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 106Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 107Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 108Page - Analog Devices ADIN1111CCPZ-R7 Datasheet HTML 109Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 108 / 109 page
background image
Data Sheet
ADIN1111
PCB LAYOUT RECOMMENDATIONS
analog.com
Rev. A | 108 of 109
This section details the key areas of interest for the placement and
layout of the PHY and corresponding support components.
PACKAGE LAYOUT
The LFCSP has an exposed pad underneath the package that
must be soldered to the PCB ground for mechanical, electrical,
and thermal reasons. For thermal impedance performance and to
maximize heat removal, the use of a 4 × 4 array of thermal vias
beneath the exposed ground pad is recommended. The PCB land
pattern must incorporate the exposed ground pad with these vias
in the footprint. The EVAL-ADIN1110EBZ uses an array of 4 × 4
filled vias on a 1.00 mm grid arrangement. The via pad diameter
dimension is 0.02 inches (0.5015 mm).
COMPONENT PLACEMENT AND ROUTING
Prioritization of the critical traces and components helps simplify
the routing exercise. Place and orient the critical traces and compo-
nents first to ensure an effective layout. The critical components
are the crystal and load capacitors, the CEXT_2 and CEXT_3
capacitors, and all bypass capacitors local to the ADIN1110 device.
Prioritize these components for placement and routing.
Follow these recommendations:
►
Place the decoupling capacitors as close as possible to their
respective input pin.
►
Minimize trace turns and use 45° corners.
►
Avoid traces crossing power planes on adjacent layers.
►
Avoid stubs.
►
Avoid vias on high speed signals. If vias are required, place
ground vias next to the signal vias to improve the return current
path.
CRYSTAL PLACEMENT AND ROUTING
Particular attention is required on the crystal placement and routing
to ensure minimum current consumption, reduce stray capacitance,
and improve noise immunity.
Follow these recommendations:
►
Place the crystal and its capacitors as close as possible to the
XTAL_I and XTAL_O pins.
►
Place the load capacitors close to each other.
►
Use a local GND plane (copper island) for the crystal and load
capacitor with a single point connection to the main GND.
►
Reduce parasitic capacitance by keeping the XTAL_I and
XTAL_O traces away from each other.
►
Adding a copper keep out on the layer beneath the crystal can
also reduce the parasitic capacitance.
PCB STACK
Follow these recommendations:
►
Use a PCB stack with a minimum of 4 layers.
►
Consider 6 layers or more with external layers used as ground
planes to improve EMI issues (optional).
►
Define copper layer thickness based on the application and
power requirements.
►
Use internal layers for power and ground planes.
►
Use external layers for signals.
►
Use via stitching to improve ground and reduce EMI. Stitching
pattern and via to via gaps to be defined based on the applica-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com