Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 7Page - STMicroelectronics TDA7415CB Datasheet HTML 8Page - STMicroelectronics TDA7415CB Datasheet HTML 9Page - STMicroelectronics TDA7415CB Datasheet HTML 10Page - STMicroelectronics TDA7415CB Datasheet HTML 11Page - STMicroelectronics TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
TDA7415CB
Electrical specification
11/50
4
Electrical specification
4.1
Supply
4.2
Absolute maximum ratings
4.3
Electrical characteristcs
4.3.1
Input section
VCC = 8.0V; VP = 12.0V; Tamb = 25°C; RL =10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise
specified.
Table 4.
Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
7.5
8.5
9.5
V
VP
Supply Current (Line
Driver)
7.5
12
13
V
Itotal
Total Supply Current
VCC = 8.5V; VP = 12V
45
mA
SVRR
Ripple Rejection @ 1kHz
Audio Processor (all Filters
flat)
60
dB
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Operating Supply Voltage
10
V
VP
Operating Supply Voltage
13
V
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Table 6.
Input section
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit
Rin
Input Impedance
Single-ended inputs
70
100
130
k
Ω
Differential inputs
70
100
130
k
Ω
MD-input, differential mode
35
56
65
k
Ω
VCL
Input Clipping Level
(THD
≤ 0.1%)
Single ended inputs
1.4
1.5
VRMS
Differential inputs; (1)
2.0
2.2
VRMS
CMRR
Common Mode Rejection
Ratio
Differential inputs (CD, AUX.)
VCM = 1VRMS @ 1kHz
40
70
dB
VCM = 1VRMS @ 10kHz
40
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com