Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 10Page - STMicroelectronics TDA7415CB Datasheet HTML 11Page - STMicroelectronics TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics TDA7415CB Datasheet HTML 17Page - STMicroelectronics TDA7415CB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Electrical specification
TDA7415CB
14/50
QBASS
Quality Factor (1)
Q1
0.911.1
-
Q2
1.13
1.25
1.38
-
Q3
1.35
1.5
1.65
-
Q4
1.822.2
-
DCGAIN
Bass DC-Gain
DC-mode= off
-1
0
1
dB
DC-mode= on
3.5
4.4
5.5
dB
MID control
GRANGE
Gain Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency (2)
fC1
450
500
550
Hz
fC2
0.911.1
kHz
fC3
1.35
1.5
1.65
kHz
fC4
1.822.2
kHz
QMID
Quality Factor (2)
Q1
0.511.1
Q2
1.822.2
Treble Control
GRANGE
Gain Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency (1))
fC1
6.4
10
13.6
kHz
fC2
8.0
12.5
17
kHz
fC3
9.6
15
20.4
kHz
fC4
11.2
17.5
23.8
kHz
ROOM-EQ (Acoustics Notch-filter)
GRANGE
Gain Control Range
-0
…9dB
ASTEP
Step Resolution
Non-uniform, see description
1
-
2
dB
fC
Notch Frequency (1)
fN1
162
180
198
Hz
fN2
180
200
220
kHz
fN3
198
220
242
kHz
fN4
216
240
264
kHz
QEQ
Quality Factor(1)
Q1
0.911.1
Q2
1.822.2
1.
Min and Max values are calculated according to simulation results; Functionality is guaranteed by measuring a directly
correlated parameter
Table 7.
Main signal processing path (continued)
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com