Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 29Page - STMicroelectronics TDA7415CB Datasheet HTML 30Page - STMicroelectronics TDA7415CB Datasheet HTML 31Page - STMicroelectronics TDA7415CB Datasheet HTML 32Page - STMicroelectronics TDA7415CB Datasheet HTML 33Page - STMicroelectronics TDA7415CB Datasheet HTML 34Page - STMicroelectronics TDA7415CB Datasheet HTML 35Page - STMicroelectronics TDA7415CB Datasheet HTML 36Page - STMicroelectronics TDA7415CB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TDA7415CB
Digital interface
33/50
6.2
I2C bus interface description
Interface Protocol
The interface protocol comprises:
a start condition (S)
a chip address byte (the LSB bit determines read / write transmission)
a subaddress byte
a sequence of data (N-bytes + acknowledge)
a stop condition (P)
Figure 26.
I2C bus interface diagram
S = Start
ACK = Acknowledge
Auto increment
If bit I in the subaddress byte is set to "1", the auto increment of the subaddress is enabled
which is also true for the SPI mode.
Chip-address
For the TDA7415CB the chip address is $8C (10001100).
Table 12.
Interface in SPI -mode
Symbol
Parameter
Min
Typ
Max
Units
fSCLK
Serial input clock frequency (SCL)
0,00
-
4
MHz
Tsu
Serial data setup time
40,00
-
-
ns
Thld
Serial data hold time
40,00
-
-
ns
Twh
Serial clock high time width
100,00
-
-
ns
Twl
Serial clock low time width
100,00
-
-
ns
Tscl
Select (SEL) to clock (SCL) falling setup time
200,00
-
-
ns
Trel
Clock (SCL) to select (SEL) rising release time
200,00
-
-
ns
tr
Data rise time
-
-
2,00
μs
tf
Data fall time
-
-
2,00
μs
Tsh
Chip select high time
200,00
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com