Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics TDA7415CB Datasheet HTML 17Page - STMicroelectronics TDA7415CB Datasheet HTML 18Page - STMicroelectronics TDA7415CB Datasheet HTML 19Page - STMicroelectronics TDA7415CB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Electrical specification
TDA7415CB
16/50
4.3.4
General
4.3.5
Bus & control inputs
VLD,max
Max. output level; LD-outputs
as above; VCC = 8.0V
2.20
2.75
VRMS
as above; VP = 12V
3.75
4
VRMS
RL
Output load resistance
THD
≤ 0.1%; all outputs
1.0
k
Ω
CL
Output load capacitance
All outputs
10
nF
ROUT
Output impedance
All outputs
24
100
Ω
VDC
DC voltage level
PA-outputs
3.8
4.0
4.2
V
LD-outputs
VP / 2
-200mV
VP / 2
VP / 2
+200mV
V
1.
All differential inputs or differential configurations have -3dB input gain.
2.
Min and Max values are calculated according to simulation results; Functionality is guaranteed by measuring a directly
correlated parameter
Table 8.
Output section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 9.
General
Symbol
Parameter
Test Conditions / remark
Min.
Typ.
Max.
Unit
VNO
Output Noise
BW = 20Hz to
20KHz
output
mode
10
15
μV
unveighted
all flat, 0dB
12
20
μV
S/N
Signal to Noise Ratio
all flat, 0dB; VO= 1.5VRMS
110
dB
All tone filters +10dB;
A-weighted; VO= 1.5VRMS
84
dB
d
Distortion
VOUT= 1VRMS; all stages 0dB
0.01
0.1
%
All tone filters +10dB;
A-weighted; VO= 1.5VRMS
0.05
0.1
%
SC
Channel Separation L/R
80
100
dB
ET
Total Tracking Error
AV = 0 to -20dB
0
1
dB
AV = -20 to -60dB
0
2
dB
VPOR
Internal POR Voltage
3.4
V
Table 10.
Bus & control inputs
(I2C/SPI, spectrum analyzer, direct-mute, offset detector)
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
SDA-, SCL-, SEL-, WinIn-pin
0.8
0.7
V
VIH
Input High Voltage
2.5
2.4
V
VTH
Input threshold voltage
SAres-, SAclk-, all Mute-pins
1.5
V
VTH
Input threshold hysteresis
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com