Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 22Page - STMicroelectronics TDA7415CB Datasheet HTML 23Page - STMicroelectronics TDA7415CB Datasheet HTML 24Page - STMicroelectronics TDA7415CB Datasheet HTML 25Page - STMicroelectronics TDA7415CB Datasheet HTML 26Page - STMicroelectronics TDA7415CB Datasheet HTML 27Page - STMicroelectronics TDA7415CB Datasheet HTML 28Page - STMicroelectronics TDA7415CB Datasheet HTML 29Page - STMicroelectronics TDA7415CB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Description of the audio processor
TDA7415CB
26/50
5.3
Output path
As the Input-Section, the Output-Section of the TDA7415CB incorporates also three
independent stereo signal paths, where each can connect to two out of four AC-coupled,
single-ended inputs and to some dedicated signals originating from the input-section and/or
main-signal-path. For simplicity only one channel is shown in Figure 16. Interruption
switches follow the input selectors that can quickly toggle to the phone-, navigation-, or
phone/navigation-mix signal independently for each signal path and single L/R-channel. The
pre-selection of the interrupt source is common for all signal paths.
Figure 16.
Signal flow output section
Signal path 0 and 1 (front and rear) may optionally enter high-pass filters whereas signal
path 2 (other) can be low-pass filtered for subwoofer applications. Anti-radiation filters are
integrated for all signal paths but there are no anti-alias filters present at the inputs, since for
most signal sources it is unlikely to introduce significant high frequency energy. However, if
present, the system designer must take care to filter out high frequency components by
means of an external RC-low-pass filter located at the AC-input pins. Soft-mute stages and
a soft-step volume, that offer fast and click-less muting and/or volume changing follow all
three filters. The soft mute circuit will be described later.
Five stereo pairs of output buffers finally complete the Output-section: Signal-path 2
exclusively feeds a line driver output that is capable of 4VRMS output level as required by
external (remote) power amplifiers. The other signal-paths 1 & 2 feature both, a line driver
output and a dedicated internal (on board) power amplifier output with 3dB fixed gain. To
maximize the line-driver output swing, when the dual-supply option (VCC = 9V, VP = 12V) is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com