Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics TDA7415CB Datasheet HTML 17Page - STMicroelectronics TDA7415CB Datasheet HTML 18Page - STMicroelectronics TDA7415CB Datasheet HTML 19Page - STMicroelectronics TDA7415CB Datasheet HTML 20Page - STMicroelectronics TDA7415CB Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
TDA7415CB
Electrical specification
17/50
4.3.6
DC Offset Detector
IIN
Input Current
VIN= 0.4V; SDA-, SCL-pin
-5
5
μA
VTH,SPI
SPI-mode threshold
voltage
(1)
5.5
V
VO,ACK
SDA-Acknowledge
Output Volt.
IO= 1.6mA
0.4
V
RPULLUP
Pull-up resistance
WinIn-pin
30
50
70
k
Ω
IPULLUP
Pull-up current
VIN= 0V, all Mute-pins
50
100
150
μA
fSCKmax
Maximum clock speed
SPI-mode
2000
kbit/s
I2C-mode
800
kbit/s
1.
pull-up is needed for I2C Mute
Table 10.
Bus & control inputs (continued)
(I2C/SPI, spectrum analyzer, direct-mute, offset detector)
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit
Table 11.
DC offset detector
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit
Vth
Zero Comp. Window Size
V1
±25
mV
V2
±50
mV
V3
±75
mV
V4
±100
mV
τ
sp
Max. Rejected Spike
Length
τ17.5
μs
τ215
μs
τ322.5
μs
τ430
μs
IErr,charge
DCErr charge current
1
5
10
μA
IErr,discharge DCErr discharge current
2.5
5
7.5
mA
VOutH
DCErr high voltage
2.5
3.3
V
VOutL
DCErr low voltage
150
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com