Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 20Page - STMicroelectronics TDA7415CB Datasheet HTML 21Page - STMicroelectronics TDA7415CB Datasheet HTML 22Page - STMicroelectronics TDA7415CB Datasheet HTML 23Page - STMicroelectronics TDA7415CB Datasheet HTML 24Page - STMicroelectronics TDA7415CB Datasheet HTML 25Page - STMicroelectronics TDA7415CB Datasheet HTML 26Page - STMicroelectronics TDA7415CB Datasheet HTML 27Page - STMicroelectronics TDA7415CB Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Description of the audio processor
TDA7415CB
24/50
5.2.4
Room EQ filter
There are three parameters programmable in the room-EQ stage.
1.
Control Range: Figure 13 shows the control range in the frequency domain at 200Hz
center frequency. The filter has intentional non-uniform attenuation steps. These are
1dB, 2dB, 3dB, 4dB, 5.5dB, 7dB and 9dB.
Figure 13.
Room-EQ control range; fC= 200Hz, Q= 1.0
2.
Notch frequency: Figure 14 shows the four selectable notch frequencies at a gain of
15dB
Figure 14.
Room-EQ notch frequencies; attenuation= -7dB, Q= 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com