Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 28Page - STMicroelectronics TDA7415CB Datasheet HTML 29Page - STMicroelectronics TDA7415CB Datasheet HTML 30Page - STMicroelectronics TDA7415CB Datasheet HTML 31Page - STMicroelectronics TDA7415CB Datasheet HTML 32Page - STMicroelectronics TDA7415CB Datasheet HTML 33Page - STMicroelectronics TDA7415CB Datasheet HTML 34Page - STMicroelectronics TDA7415CB Datasheet HTML 35Page - STMicroelectronics TDA7415CB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Digital interface
TDA7415CB
32/50
6
Digital interface
The TDA7415CB digital interface supports two different protocols: SPI and I2C. To select the
I2C-mode the SEL-pin has to be tied to the system supply by means of a 68k -resistor. If the
voltage at the SEL-pin falls below 5.5V, the interface switches to SPI-mode. Consequently,
the interface is able to work with a microprocessor either supplied by a 3.3V or a 5V power
supply. The SPI-mode has to be set and remain static before the device leaves the reset
state caused by power-on reset (POR).
For details of both protocols refer to the programming section.
6.1
Interface in SPI -mode
●
Interface protocol
The SPI interface protocol comprises:
–
A sub-address (SAx) and
A sequence of n data bytes (Dy); each consisting of 8 bits.
A negative going edge at SEL enables the interface receiving data. The interface accepts
both a positive (Cpol=1, Cpha=1; SPI-mode 0) as well as a negative (Cpol=0, Cpha=0; SPI-
mode 3) clocking scheme. However, the data transmitted has to be valid on the rising
edges of the serial clock SCL.
Figure 24.
Switching characteristics (SPI-mode):
Figure 25.
Interface in SPI -mode diagram
Tscl
Tsu
Tsh
Thld
Twh
Twl
Trel
SEL
SCL
SDA
SAx,Dy
AC00507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com