Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 24Page - STMicroelectronics TDA7415CB Datasheet HTML 25Page - STMicroelectronics TDA7415CB Datasheet HTML 26Page - STMicroelectronics TDA7415CB Datasheet HTML 27Page - STMicroelectronics TDA7415CB Datasheet HTML 28Page - STMicroelectronics TDA7415CB Datasheet HTML 29Page - STMicroelectronics TDA7415CB Datasheet HTML 30Page - STMicroelectronics TDA7415CB Datasheet HTML 31Page - STMicroelectronics TDA7415CB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Description of the audio processor
TDA7415CB
28/50
Remark:
Both filters offer a 'Butterworth' roll-off response
5.3.3
Line driver output stage (presenting the reference concept)
In order to adapt to two different supply-voltages for the dual-supply option, while
maintaining the highest possible output swing when only a single supply is available, the
line-driver output was realized as differential amplifier biased around the two device
references PREF and Vref3V3 (see Figure 19). The output DC-voltage precisely tracks the
DC-voltage present at the PREF-pin that is half the VP-supply. However, forcing the PREF
pin to any desired value could alter this DC-voltage, neglected the remaining output swing.
Figure 19.
Line-driver output with reference generation scheme
In a dual-supply application (VCC = 8.5V, VP = 12V) the output gain should be set to 9dB to
obtain a 4VRMS output level. For a single-supply application (VCC =VP = 8.5V) there is still
an output level of 2.75VRMS obtainable. Consequently, to avoid clipping in the output stages
the gain needs to be reduced to 5.5dB. For the programming of the output gain, see the
programming chapter.
Proper power sequencing is no critical issue for the TDA7415. However, it is recommended
that both supply-voltages should follow each other within one diode forward-drop (<1V)
before reaching their final value.
5.3.4
Soft mute
As can be seen from the block-diagram in figure 1, there are 6 soft-mute circuits placed
inside the TDA7415CB: Three each, in both the Input-section and the Output-section that
serve the independent signal-paths. A soft-mute can either be achieved by pulling one of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com