Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 8Page - STMicroelectronics TDA7415CB Datasheet HTML 9Page - STMicroelectronics TDA7415CB Datasheet HTML 10Page - STMicroelectronics TDA7415CB Datasheet HTML 11Page - STMicroelectronics TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Electrical specification
TDA7415CB
12/50
CMRRMD
Common Mode Rejection
Ratio
Mono differential input (MD)
VCM = 1VRMS @ 1kHz
40
66
dB
VCM = 1VRMS @ 10kHz
40
56
dB
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
input to output, (1)
-16
-15
-14
dB
GIN MAX
Max. Input Gain
14
15
16
dB
GSTEP
Gain-adjust Step Resolution
0.5
1
1.5
dB
VDC
DC-Offset Steps
Adjacent Gain Steps
0.5
6
mV
GMIN to GMAX
535
mV
ATTMUTE
Mute Attenuation
80
100
dB
tSMC
Soft-mute completion time,
ramp-up or -down
T1
0.10.240.4
ms
T2
0.25
0.48
0.75
ms
T3
7
10.2
13
ms
T4
16
20.4
26
ms
VNO
Output-noise, MUX-Outputs
20Hz - 20kHz; all flat, 0dB
8
15
µV
VOUT,max
Maximum output level
RLOAD ≥ 2kΩ; THD ≤ 0.1%
1.4
1.5
VRMS
RL
Output load resistance
THD
≤ 0.1%
1.0
k
Ω
CL
Output load capacitance
10
nF
ROUT
Output impedance
24
100
Ω
VDC
DC voltage level
3.1
3.3
3.5
V
Spectrum Analyzer (see figure 21)
Rin
Input impedance
70
100
130
k
Ω
VSAin
Max. Input level, SAin-pin
3.3V full scale at SAout-pin
1.0
VRMS
VSAout
Output Voltage Range
RLOAD ≥ 1MΩ; VSAin ≤ 1VRMS
0-
3.3
V
fC1
Center Frequency, band 1 (2)
55
62
69
Hz
fC2
Center Frequency, band 2 (2)
141
157
173
Hz
fC3
Center Frequency, band 3 (2)
356
396
436
Hz
fC4
Center Frequency, band 4 (2)
0.911.1
kHz
fC5
Center Frequency, band 5 (2)
2.26
2.51
2.76
kHz
fC6
Center Frequency, band 6 (2)
5.70
6.34
6.98
kHz
fC7
Center Frequency, band 7 (2)
14.4
16.0
17.6
kHz
Qf
Filter Quality Factor (2)
Q1
1.40
1.75
2.10
Q2
2.80
3.5
4.20
fSAclk
Read-out clock frequency
1
100
kHz
tSAdel
Analog output delay time
CLoad at SAout-pin ≤ 100pF
1
2
μs
Table 6.
Input section (continued)
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com