Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 42Page - STMicroelectronics TDA7415CB Datasheet HTML 43Page - STMicroelectronics TDA7415CB Datasheet HTML 44Page - STMicroelectronics TDA7415CB Datasheet HTML 45Page - STMicroelectronics TDA7415CB Datasheet HTML 46Page - STMicroelectronics TDA7415CB Datasheet HTML 47Page - STMicroelectronics TDA7415CB Datasheet HTML 48Page - STMicroelectronics TDA7415CB Datasheet HTML 49Page - STMicroelectronics TDA7415CB Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Programming
TDA7415CB
46/50
Successfully entering the test-mode requires to set bit D6 of the sub address (test mode-bit)
to "1". In test-mode, the TUNER L&R inputs are reconfigured as output for the selected test
signals
Note:
This byte is used for testing and/or evaluation purposes only and must not be set to other
values than the default "11111110" in the application.
Table 31.
Testing * (addr. 31)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Device clock
Enable internal clock generation
Allow external clocking in fast-mode
11
1
Unused, do not alter
Test selector
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
TUNER L out:
DCDet., lower TC-Vth
Spec.Anal. 60Hz-bandpass
Spec.Anal. 160Hz-bandpass
Spec.Anal. 400Hz-bandpass
Spec.Anal. 1kHz-bandpass
Spec.Anal. 2,5kHz-bandpass
Spec.Anal. 6,3kHz-bandpass
Spec.Anal. 16kHz-bandpass
TUNER R out:
DCDet., upper TC-Vth
5,5V CMOS-supply
DCDet., time constant
200kHz reference clock
actual Soft-Mute clock
actual Soft-Step clock
SC-reference, left chan.
DC-Offset monitor point
0
1
Test mode
Enabled *
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com