Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 11Page - STMicroelectronics TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics TDA7415CB Datasheet HTML 17Page - STMicroelectronics TDA7415CB Datasheet HTML 18Page - STMicroelectronics TDA7415CB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
TDA7415CB
Electrical specification
15/50
4.3.3
Output section
VCC = 8.0V; VP = 12.0V; Tamb = 25°C; RL =10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise
specified
Table 8.
Output section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Rin
Input Impedance
AC0
…3 inputs
35
50
65
k
Ω
VCL
Input Clipping Level
THD
≤ 0.1%
1.4
1.5
VRMS
ATTMUTE Mute Attenuation
80
100
dB
tSMC
Soft-mute completion time,
ramp-up or -down
T1
0.24
ms
T2
0.48
ms
T3
10.2
ms
T4
5.1
ms
Volume (Soft-step)
GMAX
Max. Gain
25
dB
AMAX
Max. Attenuation
-82
-79
-76
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G= -20 to +20dB
-1.25
0
+1.25
dB
G= -20 to -60dB
-3
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
High Pass
fC
Center Frequency (1)
fC0
34
40
46
Hz
fC1
52
60
68
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
108
120
132
Hz
fC5
135
150
165
Hz
fC6
162
180
198
Hz
fC7
198
220
242
Hz
QHP
Quality Factor (2)
Butterworth characteristics
0.665
0.707
0.750
-
Subwoofer Low Pass
fC
Center Frequency (2)
fC0
44
50
56
Hz
fC1
54
60
66
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
108
120
132
Hz
QHP
Quality Factor (2)
Butterworth characteristics
0.665
0.707
0.750
-
Audio Outputs
VPA,max
Max. output level; PA-outputs
RLOAD ≥ 2kΩ; THD ≤ 0.1%
1.88
2
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com