Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 39Page - STMicroelectronics TDA7415CB Datasheet HTML 40Page - STMicroelectronics TDA7415CB Datasheet HTML 41Page - STMicroelectronics TDA7415CB Datasheet HTML 42Page - STMicroelectronics TDA7415CB Datasheet HTML 43Page - STMicroelectronics TDA7415CB Datasheet HTML 44Page - STMicroelectronics TDA7415CB Datasheet HTML 45Page - STMicroelectronics TDA7415CB Datasheet HTML 46Page - STMicroelectronics TDA7415CB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
TDA7415CB
Programming
43/50
Table 26.
Output section, subwoofer low-pass filter (addr. 17)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
Unused, do not alter
X
X
0
1
X
0
0
1
1
1
0
1
0
0
1
Monitor select
Signal path 0 (before Soft-mute)
Signal path 1 (before Soft-mute)
Low-pass filter (Subwoofer enable)
Mono-sum bypass
Stereo bypass (direct through)
0
0
0
0
1
1
0
0
1
1
X
1
0
1
0
1
X
1
Corner frequency
120Hz
100Hz
80Hz
60Hz
50Hz
50Hz
0
1
Phase
No shift
Inverted
Table 27.
Output section, bus-mutes (addr. 20)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
Unused, do not alter
0
1
Soft-mute, right channel signal path 0
No mute
Mute
0
1
Soft-mute, left channel signal path 0
No mute
Mute
0
1
Soft-mute, right channel signal path 1
No mute
Mute
0
1
Soft-mute, left channel signal path 1
No mute
Mute
0
1
Soft-mute, right channel signal path 2
No mute
Mute
0
1
Soft-mute, left channel signal path 2
No mute
Mute
1
Unused, do not alter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com